Electronic Components Datasheet Search
  English  ▼

X  

ADV7160 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7160
Description  96-Bit, 220 MHz True-Color Video RAM-DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7160 Datasheet(HTML) 3 Page - Analog Devices

  ADV7160 Datasheet HTML 1Page - Analog Devices ADV7160 Datasheet HTML 2Page - Analog Devices ADV7160 Datasheet HTML 3Page - Analog Devices ADV7160 Datasheet HTML 4Page - Analog Devices ADV7160 Datasheet HTML 5Page - Analog Devices ADV7160 Datasheet HTML 6Page - Analog Devices ADV7160 Datasheet HTML 7Page - Analog Devices ADV7160 Datasheet HTML 8Page - Analog Devices ADV7160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ADV7160/ADV7162
REV. 0
–3–
CLOCK CONTROL AND PIXEL PORT
4
Parameter
220 MHz
170 MHz
140 MHz
Units
Conditions/Comments
Version
Version
Version
fCLOCK
220
170
140
MHz max
Pixel CLOCK Rate
t1
4.5
5.88
7.14
ns min
Pixel CLOCK Cycle Time
t2
2.0
2.5
2.86
ns min
Pixel CLOCK High Time
t3
2.0
2.5
2.86
ns min
Pixel CLOCK Low Time
t4
10
10
10
ns max
Pixel CLOCK to LOADOUT Delay
fLOADIN
LOADIN Clocking Rate
2:1 Multiplexing
110
85
70
MHz max
4:1 Multiplexing
55
42.5
35
MHz max
8:1 Multiplexing
27.5
21.25
17.5
MHz max
t5
LOADIN Cycle Time
2:1 Multiplexing
9.1
11.77
14.29
ns min
4:1 Multiplexing
18.18
23.53
28.58
ns min
8:1 Multiplexing
36.36
47.1
57.16
ns min
t6
LOADIN High Time
2:1 Multiplexing
4
5
6
ns min
4:1 Multiplexing
8
9
12
ns min
8:1 Multiplexing
15
18
23
ns min
t7
LOADIN Low Time
2:1 Multiplexing
4
5
6
ns min
4:1 Multiplexing
8
9
12
ns min
8:1 Multiplexing
15
18
23
ns min
t8
0
0
0
ns min
Pixel Data Setup Time
t9
5
5
5
ns min
Pixel Data Hold Time
t10
0
0
0
ns min
LOADOUT to LOADIN Delay
τ-t
11
5
τ-5
τ-5
τ-5
ns max
LOADOUT to LOADIN Delay
tPD
6
Pipeline Delay
2:1 Multiplexing
9
9
9
CLOCKs
(1
× CLOCK = t
1)
4:1 Multiplexing
11
11
11
CLOCKs
8:1 Multiplexing
15
15
15
CLOCKs
t12
10
10
10
ns max
Pixel CLOCK to PRGCKOUT Delay
t13
5
5
5
ns max
SCKIN to SCKOUT Delay
t14
5
5
5
ns min
BLANK
to SCKIN Setup Time
t15
0
0
0
ns min
BLANK
to SCKIN Hold Time
ANALOG OUTPUTS
7
Parameter
220 MHz
170 MHz
140 MHz
Units
Conditions/Comments
Version
Version
Version
t16
25
25
25
ns typ
Analog Output Delay
t17
1
1
1
ns typ
Analog Output Rise/Fall Time
t18
25
25
25
ns typ
Analog Output Transition Time
tSK
2
2
2
ns max
RGB Analog Output Skew
0
0
0
ns typ
TIMING CHARACTERISTICS1
(VAA
2= +5 V; V
REF = +1.235 V; RSET = 280
Ω. IOR, IOG, IOB (R
L = 37.5
Ω, C
L = 10 pF). All
specifications TMIN to TMAX
3 unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com