Electronic Components Datasheet Search
  English  ▼

X  

ADV7160 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7160
Description  96-Bit, 220 MHz True-Color Video RAM-DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7160 Datasheet(HTML) 2 Page - Analog Devices

  ADV7160 Datasheet HTML 1Page - Analog Devices ADV7160 Datasheet HTML 2Page - Analog Devices ADV7160 Datasheet HTML 3Page - Analog Devices ADV7160 Datasheet HTML 4Page - Analog Devices ADV7160 Datasheet HTML 5Page - Analog Devices ADV7160 Datasheet HTML 6Page - Analog Devices ADV7160 Datasheet HTML 7Page - Analog Devices ADV7160 Datasheet HTML 8Page - Analog Devices ADV7160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
ADV7160/ADV7162–SPECIFICATIONS
REV. 0
–2–
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE
(DAC Gain Setting = 3996)
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
±1
LSB
Guaranteed Monotonic
Gray Scale Error
±5
% Gray Scale
Coding
Binary
DIGITAL INPUTS
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
±10
µAV
IN = 0.4 V or 2.4 V
Input Capacitance, CIN
10
pF
CLOCK INPUTS (CLOCK, CLOCK)
Input High Voltage, VINH
VAA – 1.0
V
Input Low Voltage, VINL
VAA – 1.6
V
Input Current, IIN
±10
µAV
IN = 0.4 V or 2.4 V
Input Current, IIN (JTAG Inputs)
±50
µAV
IN = 0.4 V or 2.4 V
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
2.4
V
ISOURCE = 400 µA
Output Low Voltage, VOL
0.4
V
ISINK = 3.2 mA
Floating-State Leakage Current
20
µA
Floating-State Output Capacitance
20
pF
ANALOG OUTPUTS
(DAC Gain Setting = 3996)
Gray Scale Current Range
15
22
mA
Output Current
White Level Relative to Blank
17.69
19.05
20.40
mA
White Level Relative to Black
16.74
17.62
18.50
mA
Black Level Relative to Blank
0.95
1.44
1.90
mA
Blank Level
0
5
50
µA
Sync Disabled
Blank Level
6.29
7.62
8.96
mA
Sync Enabled
Sync Level
0
5
50
µA
Tri-Sync Level Relative to Blank
6.29
7.62
8.96
mA
LSB Size
17.22
µA
DAC to DAC Matching
1
3
%
Output Compliance, VOC
0
+1.4
V
Output Impedance, ROUT
30
k
Ω
Output Capacitance, COUT
30
pF
IOUT = 0 mA
VOLTAGE REFERENCE
Voltage Reference Range, VREF
1.14
1.235
1.26
V
VREF = 1.235 V for Specified Performance
Input Current, IVREF
5
µA
POWER REQUIREMENTS
VAA
5V
IAA
3
475
mA
For 220 MHz Operation (ADV7160)
440
mA
For 170 MHz Operation (ADV7160)
410
mA
For 140 MHz Operation (ADV7160)
IAA
3
450
mA
For 220 MHz Operation (ADV7162)
400
mA
For 170 MHz Operation (ADV7162)
360
mA
For 140 MHz Operation (ADV7162)
Power Supply Rejection Ratio
0.1
%/%
COMP = 0.1
µF
DYNAMIC PERFORMANCE
Clock and Data Feedthrough
4, 5
–30
dB
Glitch Impulse
50
pV secs
DAC to DAC Crosstalk
6
–23
dB
NOTES
1
±5% for all versions.
2Temperature range (T
MIN to TMAX): 0°C to +70°C.
3Pixel Port is continuously clocked with data corresponding to a linear ramp. T
J = 100
oC.
4Clock and data feedthrough is a function of the amount of overshoot and undershoot on the digital inputs. Glitch impulse includes clock and data feedthrough.
5TTL input values are 0 V to 3 V, with input rise/fall times
≤3 ns, measured the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
6DAC to DAC Crosstalk is measured by holding one DAC high while the other two are making low to high and high to low transitions.
Specifications subject to change without notice.
(VAA
1 = +5 V; V
REF = +1.235 V; RSET = 280
Ω. IOR, IOG, IOB (R
L = 37.5
Ω,
CL = 10 pF). All specifications TMIN to TMAX
2 unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com