Electronic Components Datasheet Search
  English  ▼

X  

ADV7190 Datasheet(PDF) 44 Page - Analog Devices

Part # ADV7190
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7190 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADV7190 Datasheet HTML 40Page - Analog Devices ADV7190 Datasheet HTML 41Page - Analog Devices ADV7190 Datasheet HTML 42Page - Analog Devices ADV7190 Datasheet HTML 43Page - Analog Devices ADV7190 Datasheet HTML 44Page - Analog Devices ADV7190 Datasheet HTML 45Page - Analog Devices ADV7190 Datasheet HTML 46Page - Analog Devices ADV7190 Datasheet HTML 47Page - Analog Devices ADV7190 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
ADV7190/ADV7191
–44–
REV. 0
APPENDIX 1
BOARD DESIGN AND LAYOUT CONSIDERATIONS
The ADV7190/ADV7191 is a highly integrated circuit contain-
ing both precision analog and high-speed digital circuitry. It
has been designed to minimize interference effects on the integ-
rity of the analog circuitry by the high-speed digital circuitry. It
is imperative that these same design and layout techniques be
applied to the system-level design such that high-speed, accurate
performance is achieved. The Recommended Analog Circuit Lay-
out shows the analog interface between the device and monitor.
The layout should be optimized for lowest noise on the ADV7190/
ADV7191 power and ground lines by shielding the digital inputs
and providing good decoupling. The lead length between groups
of VAA and GND pins should by minimized in order to mini-
mize inductive ringing.
Ground Planes
The ground plane should encompass all ADV7190/ADV7191
ground pins, voltage reference circuitry, power supply bypass cir-
cuitry for the ADV7190/ADV7191 , the analog output traces, and
all the digital signal traces leading up to the ADV7190/ADV7191.
This should be as substantial as possible to maximize heat spread-
ing and power dissipation on the board.
Power Planes
The ADV7190/ADV7191 and any associated analog circuitry
should have its own power plane, referred to as the analog power
plane (VAA). This power plane should be connected to the
regular PCB power plane (VCC) at a single point through a
ferrite bead. This bead should be located within three inches
of the ADV7190/ADV7191.
The metallization gap separating device power plane and board
power plane should be as narrow as possible to minimize the
obstruction to the flow of heat from the device into the general
board.
The PCB power plane should provide power to all digital logic
on the PC board, and the analog power plane should provide
power to all ADV7190/ADV7191 power pins and voltage reference
circuitry.
Plane-to-plane noise coupling can be reduced by ensuring that
portions of the regular PCB power and ground planes do not
overlay portions of the analog power plane, unless they can be
arranged so the plane-to-plane noise is common-mode.
Supply Decoupling
For optimum performance, bypass capacitors should be installed
using the shortest leads possible, consistent with reliable operation,
to reduce the lead inductance. Best performance is obtained
with 0.1
µF ceramic capacitor decoupling. Each group of V
AA
pins on the ADV7190/ADV7191 must have at least one 0.1
µF
decoupling capacitor to GND. These capacitors should be placed
as close as possible to the device.
It is important to note that while the ADV7190/ADV7191
contains circuitry to reject power supply noise, this rejection
decreases with frequency. If a high-frequency switching power
supply is used, the designer should pay close attention to reducing
power supply noise and consider using a three-terminal voltage
regulator for supplying power to the analog power plane.
Digital Signal Interconnect
The digital inputs to the ADV7190/ADV7191 should be isolated
as much as possible from the analog outputs and other analog
circuitry. Also, these input signals should not overlay the ana-
log power plane.
Due to the high clock rates involved, long clock lines to the
ADV7190/ADV7191 should be avoided to reduce noise pickup.
Any active termination resistors for the digital inputs should be
connected to the regular PCB power plane (VCC), and not the
analog power plane.
Analog Signal Interconnect
The ADV7190/ADV7191 should be located as close as possible
to the output connectors to minimize noise pickup and reflec-
tions due to impedance mismatch.
The video output signals should overlay the ground plane, and
not the analog power plane, to maximize the high frequency power
supply rejection.
Digital inputs, especially pixel data inputs and clocking signals
should never overlay any of the analog signal circuitry and should
be kept as far away as possible.
For best performance, the outputs should each have a 300
Ω load
resistor connected to GND. These resistors should be placed as
close as possible to the ADV7190/ADV7191 so as to minimize
reflections.
The ADV7190/ADV7191 should have no inputs left floating.
Any inputs that are not required should be tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com