Electronic Components Datasheet Search
  English  ▼

X  

ADV7190 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7190
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7190 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7190 Datasheet HTML 6Page - Analog Devices ADV7190 Datasheet HTML 7Page - Analog Devices ADV7190 Datasheet HTML 8Page - Analog Devices ADV7190 Datasheet HTML 9Page - Analog Devices ADV7190 Datasheet HTML 10Page - Analog Devices ADV7190 Datasheet HTML 11Page - Analog Devices ADV7190 Datasheet HTML 12Page - Analog Devices ADV7190 Datasheet HTML 13Page - Analog Devices ADV7190 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
ADV7190/ADV7191
–10–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
Input/
No.
Mnemonic
Output
Function
1–16
P0–P15
I
8-Bit or 16-Bit 4:2:2 Multiplexed YCrCb Pixel Port. The LSB of the input data is set up on
Pin P0.
17, 25, 29,
VAA
P
Analog Power Supply (3.3 V to 5 V).
38, 43, 54,
63
18, 24, 26,
AGND
G
Analog Ground.
33, 39, 42,
55, 64
19
HSYNC
I/O
HSYNC (Modes 1, 2, and 3) Control Signal. This pin may be configured to be an output
(Master Mode) or an input (Slave Mode) and accept Sync Signals.
20
VSYNC
I/O
VSYNC Control Signal. This pin may be configured as an output (Master Mode) or as an
input (Slave Mode) and accept
VSYNC as a Control Signal.
21
BLANK
I/O
Video Blanking Control Signal. This signal is optional. For further information see Vertical
Blanking and Data Insertion
BLANK Input section.
22
ALSB
I
TTL Address Input. This signal sets up the LSB of the MPU address.
23
TTXREQ
O
Teletext Data Request Output Signal, used to control teletext data transfer.
27
CLKIN
I
TTL Clock Input. Requires a stable 27 MHz reference clock for standard operation. Alterna-
tively, a 24.5454 MHz (NTSC) or 29.5 MHz (PAL) can be used for square pixel operation.
28
CLKOUT
O
Clock Output Pin.
30
SCL
I
MPU Port Serial Interface Clock Input.
31
SDA
I/O
MPU Port Serial Data Input/Output.
32
SCRESET/
I
Multifunctional Input: Real-Time Control (RTC) Input, Timing Reset Input, Subcarrier Reset
RTC/TR
Input.
34
RSET2
I
A 1200
Ω resistor connected from this pin to GND is used to control full-scale amplitudes
of the Video Signals from DACs D, E, and F.
35
COMP 2
O
Compensation Pin for DACs D, E, and F. Connect a 0.1
µF Capacitor from COMP2 to VAA.
36
DAC F
O
S-Video C/V/RED Analog Output. This DAC is capable of providing 4.33 mA output.
37
DAC E
O
S-Video Y/U/BLUE Analog Output. This DAC is capable of providing 4.33 mA output.
40
DAC D
O
Composite/Y/GREEN Analog Output. This DAC is capable of providing 4.33 mA output.
41
DAC C
O
S-Video C/V/RED Analog Output. This DAC is capable of providing 4.33 mA output.
44
DAC B
O
S-Video Y/U/BLUE Analog Output. This DAC is capable of providing 4.33 mA output.
45
DAC A
O
Composite/Y/GREEN Analog Output. This DAC is capable of providing 4.33 mA output.
46
COMP 1
O
Compensation Pin for DACs A, B, and C. Connect a 0.1
µF Capacitor from COMP1 to VAA.
47
VREF
I/O
Voltage Reference Input for DACs or Voltage Reference Output (1.235 V). An external
VREF cannot be used in 4
× oversampling mode.
48
RSET1
I
A 1200
Ω resistor connected from this pin to GND is used to control full-scale amplitudes
of the Video Signals from DACs A, B, and C.
49
RESET
I
The input resets the on-chip timing generator and sets the ADV7190/ADV7191 into default
mode. See Appendix 8 for Default Register settings.
50
CSO_HSO
O
Dual function
CSO or HSO Output Sync Signal at TTL Level.
51
VSO/CLAMP
I/O
Multifunction Pin.
VSO Output Sync Signal at TTL level. CLAMP TTL Output Signals
can be used to drive external circuitry to enable clamping of all Video Signals.
52
PAL_NTSC
I
Input signal to select PAL or NTSC mode of operation, pin set to Logic 1 selects PAL.
53, 57–62
NC
No Connect.
56
TTX
I
Teletext Data Input Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com