Electronic Components Datasheet Search
  English  ▼

X  

ADV7190 Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7190
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7190 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7190 Datasheet HTML 29Page - Analog Devices ADV7190 Datasheet HTML 30Page - Analog Devices ADV7190 Datasheet HTML 31Page - Analog Devices ADV7190 Datasheet HTML 32Page - Analog Devices ADV7190 Datasheet HTML 33Page - Analog Devices ADV7190 Datasheet HTML 34Page - Analog Devices ADV7190 Datasheet HTML 35Page - Analog Devices ADV7190 Datasheet HTML 36Page - Analog Devices ADV7190 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
ADV7190/ADV7191
–33–
REV. 0
MODE REGISTER 6
MR6 (MR67–MR60)
(ADDRESS (SR4–SR0) = 06H)
Mode Register 6 is an 8-bit-wide register. Figure 56 shows the
various operations under the control of Mode Register 6.
MR6 BIT DESCRIPTION
Power-Up Sleep Mode Control (MR60)
After
RESET is applied this control is enabled (MR60 = 0) if
both SCRESET/RTC/TR and NTSC_PAL pins are tied high.
The ADV7190/ADV7191 will then power up in Sleep Mode to
facilitate low power consumption while the I
2C is initialized.
When this control is disabled (MR60 = 1, via the I
2C) Sleep
Mode control passes to Sleep Mode Control, MR27.
PPL Enable Control (MR61)
The PLL control should be enabled (MR61 = 0 ) when 4
×
Oversampling is enabled (MR16 = 1). It is also used to reset the
PLL when this bit is toggled.
Reserved (MR62, MR63, MR64)
A Logic 0 must be written to these bits.
Field Counter (MR65, MR66, MR67)
These three bits are read-only bits. The field count can be read
back over the I
2C interface. In NTSC mode the field count goes
from 0–3, in PAL Mode from 0–7.
MODE REGISTER 7
MR7 (MR77–MR70)
(Address (SR4–SR0) = 07H)
Mode Register 7 is an 8-bit wide register. Figure 57 shows the
various operations under the control of Mode Register 7.
MR7 BIT DESCRIPTION
Color Control Enable (MR70)
This bit is used to enable control of contrast and saturation of
color. If this bit is set (1) color controls are enabled (Contrast
Control Register, U-Scale Register, V-Scale Register). If this bit
is set (0), the color control features are disabled.
Luma Saturation Control (MR71)
When this bit is set (1), the luma signal will be clipped if it reaches
a limit that corresponds to an input luma value of 255 (after
scaling by the Contrast Control Register). This prevents the
chrominance component of the composite video signal being
clipped if the amplitude of the luma is too high. When this bit is
set (0), this control is disabled.
Hue Adjust Control (MR72)
This bit is used to enable hue adjustment on the composite and
chroma output signals of the ADV7190/ADV7191. When this
bit is set (1), the hue of the color is adjusted by the phase offset
described in the Hue Adjust Control Register. When this bit is
set (0), hue adjustment is disabled.
Brightness Enable Control (MR73)
This bit is used to enable the brightness control of the ADV7190/
ADV7191. The actual brightness level is programmed in the
Brightness Control Register. This value or “setup” level is added to
the scaled Y data. When this bit is set (1), brightness control
is enabled. When this bit is set (0), brightness control is disabled.
Sharpness Filter Enable (MR74)
This bit is used to enable the sharpness control of the luminance
signal on the ADV7190/ADV7191 (Luma Filter Select has to
be set to Extended, i.e., MR04–MR02 = 100). The various
responses of the filter are determined by the Sharpness Con-
trol Register. When this bit is set (1), the luma response is altered
by the amount described in the Sharpness Control Register.
When this bit is set (0), the sharpness control is disabled. See In-
ternal Filter Response section for luma signal responses.
CSO_HSO Output Control (MR75)
This bit is used to determine whether
HSO or CSO TTL output
signal is output at the
CSO_HSO pin. If this bit is set 1, then
the
CSO TTL signal is output. If this bit is set 0, the HSO TTL
signal is output.
MR67
MR66
MR65
MR64
MR63
MR62
MR61
MR60
0
ENABLED
1
DISABLED
MR60
POWER-UP SLEEP
MODE CONTROL
0
ENABLED
1
DISABLED
MR61
PLL ENABLE
CONTROL
ZERO MUST
BE WRITTEN
TO THESE BITS
MR64 MR63 MR62
FIELD COUNTER
MR67 MR66 MR65
Figure 56. Mode Register 6 (MR6)
ZERO MUST
BE WRITTEN
TO THIS BIT
MR76
MR77
MR76
MR75
MR74
MR73
MR72
MR71
MR70
0
DISABLE
1
ENABLE
MR74
SHARPNESS FILTER
ENABLE
0
VSO OUTPUT
1
CLAMP OUTPUT
MR77
CLAMP/
VSO SELECT
0
DISABLE
1
ENABLE
MR70
COLOR CONTROL
ENABLE
CSO_HSO
OUTPUT CONTROL
0
HSO OUT
1
CSO OUT
MR75
0
DISABLE
1
ENABLE
MR72
HUE ADJUST
CONTROL
0
DISABLE
1
ENABLE
MR73
BRIGHTNESS
ENABLE CONTROL
0
DISABLE
1
ENABLE
MR71
LUMA SATURATION
CONTROL
Figure 57. Mode Register 7 (MR7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com