Electronic Components Datasheet Search
  English  ▼

X  

ADV7190 Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7190
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7190 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7190 Datasheet HTML 8Page - Analog Devices ADV7190 Datasheet HTML 9Page - Analog Devices ADV7190 Datasheet HTML 10Page - Analog Devices ADV7190 Datasheet HTML 11Page - Analog Devices ADV7190 Datasheet HTML 12Page - Analog Devices ADV7190 Datasheet HTML 13Page - Analog Devices ADV7190 Datasheet HTML 14Page - Analog Devices ADV7190 Datasheet HTML 15Page - Analog Devices ADV7190 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
ADV7190/ADV7191
–12–
REV. 0
Programmable gamma correction is also available. Figure 6 shows
the response of different gamma values to a ramp signal.
250
200
150
100
50
0
300
SIGNAL OUTPUTS
SIGNAL
INPUT
0.5
GAMMA CORRECTION BLOCK OUTPUT
TO A RAMP INPUT FOR VARIOUS GAMMA VALUES
0
50
100
150
200
250
LOCATION
0.3
1.5
1.8
Figure 6. Signal Input (Ramp) and Selectable Gamma
Output Curves
The on-board SSAF (Super Subalias Filter) with extended
luminance frequency response and sharp stopband attenuation
enables studio quality video playback on modern TVs, giving
optimal horizontal line resolution. An additional sharpness
control feature allows high-frequency enhancement on the lumi-
nance signal.
The device is driven by a 27 MHz clock. Data can be output at
27 MHz or 54 MHz (on-board PLL) when 4
oversampling is
enabled. Also, the output filter requirements in 4
oversampling
and 2
oversampling differ, as can be seen in Figure 7.
–30dB
0dB
6.75MHz
13.5MHz
27.0MHz
40.5MHz
54.0MHz
2
FILTER
REQUIREMENTS
4
FILTER
REQUIREMENTS
Figure 7. Output Filter Requirements in 4
× Oversampling
Mode
ENCODER
CORE
2
I
N
T
E
R
P
O
L
A
T
I
O
N
6
D
A
C
O
U
T
P
U
T
S
54MHz
OUTPUT
RATE
ADV7190/ADV7191
PLL
54MHz
MPEG2
PIXEL BUS
27MHz
Figure 8. PLL and 4
× Oversampling Block Diagram
The ADV7190/ADV7191 also supports both PAL and NTSC
square pixel operation. In this case the encoder requires a
24.5454 MHz Clock for NTSC or 29.5 MHz Clock for PAL
square pixel mode operation. All internal timing is generated
on-chip.
An advanced power management circuit enables optimal control
of power consumption in normal operating modes or sleep modes.
The Output Video Frames are synchronized with the incoming
data Timing Reference Codes. Optionally, the Encoder accepts
(and can generate)
HSYNC, VSYNC, and FIELD timing signals.
These timing signals can be adjusted to change pulsewidth and
position while the part is in master mode.
HSO/CSO and VSO TTL outputs are also available and are timed
to the analog output video.
A separate teletext port enables the user to directly input teletext
data during the vertical blanking interval.
The ADV7190/ADV7191 also incorporates WSS and CGMS-A
data control generation and Macrovision Rev 7.1.
The ADV7190/ADV7191 modes are set up over a 2-wire
serial bidirectional port (I
2C-compatible) with two slave
addresses, and the device is register-compatible with the
ADV7172/ADV7173.
The ADV7190ADV7191 is packaged in a 64-lead LQFP
package.
DATA PATH DESCRIPTION
For PAL B, D, G, H, I, M, N, and NTSC M, N modes, YCrCb
4:2:2 Data is input via the CCIR-656/601-compatible Pixel
Port at a 27 MHz data rate. The pixel data is demultiplexed to
form three data paths. Y typically has a range of 16 to 235, Cr
and Cb typically have a range of 128+/–112; however, it is
possible to input data from 1 to 254 on both Y, Cb, and Cr.
The ADV7190/ADV7191 supports PAL (B, D, G, H, I, N, M)
and NTSC M, N (with and without Pedestal) and PAL60 stan-
dards. Digital Noise Reduction can be applied to the Y signal.
Programmable gamma correction can also be applied to the Y
signal if required.
The Y data can be manipulated for contrast control and a set-up
level can be added for brightness control. The Cr, Cb data can
be scaled to achieve color saturation control. All settings become
effective at the start of the next field when double buffering is
enabled.
The appropriate sync, blank, and burst levels are added to the
YCrCb data. Macrovision antitaping, (ADV7190 only) Closed-
Captioning, and Teletext levels are also added to Y and the
resultant data is interpolated to 54 MHz when 4
× Oversampling
is enabled. The interpolated data is filtered and scaled by three
digital FIR filters.
The U and V signals are modulated by the appropriate Subcarrier
Sine/Cosine waveforms and a phase offset may be added onto
the color subcarrier during active video to allow hue adjustment.
The resulting U and V signals are added together to make up
the Chrominance Signal. The Luma (Y) signal can be delayed
by up to six clock cycles (at 27 MHz) and the Chroma signal
can be delayed by up to eight clock cycles (at 27 MHz). The
Luma and Chroma Signals are added together to make up the
Composite Video Signal. All timing signals are controlled.
The YCrCb data is also used to generate RGB data with appropri-
ate sync and blank levels. The YUV levels are scaled to output
the suitable SMPTE/EBU N10, MII, or Betacam levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com