Electronic Components Datasheet Search
  English  ▼

X  

ADV7190 Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7190
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7190 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7190 Datasheet HTML 26Page - Analog Devices ADV7190 Datasheet HTML 27Page - Analog Devices ADV7190 Datasheet HTML 28Page - Analog Devices ADV7190 Datasheet HTML 29Page - Analog Devices ADV7190 Datasheet HTML 30Page - Analog Devices ADV7190 Datasheet HTML 31Page - Analog Devices ADV7190 Datasheet HTML 32Page - Analog Devices ADV7190 Datasheet HTML 33Page - Analog Devices ADV7190 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
ADV7190/ADV7191
–30–
REV. 0
MODE REGISTER 2
MR2 (MR27–MR20)
(Address (SR4–SR0) = 02H)
Mode Register 2 is a 8-bit wide register.
Figure 52 shows the various operations under the control of Mode
Register.
MR2 BIT DESCRIPTION— RGB/YUV Control (MR20)
This bit enables the output from the small or large DACs to be
set to YUV or RGB output video standard.
DAC Output Control (MR21)
This bit controls the output from DACs A, B, and C. When this
bit is set to 1, Composite, Luma, and Chroma Signals are out-
put from DACs A, B, and C (respectively). When this bit is set
to 0, RGB or YUV may be output from these DACs.
SCART Enable Control (MR22)
This bit is used to switch the DAC outputs from SCART to a
EUROSCART configuration. A complete table of all DAC out-
put configurations is shown in Table III.
Pedestal Control (MR23)
This bit specifies whether a pedestal is to be generated on the
NTSC composite video signal. This bit is invalid when the device
is configured in PAL mode.
Square Pixel Control (MR24)
This bit is used to set up square pixel mode. This is available in
Slave Mode only. For NTSC, a 24.5454 MHz clock must be
supplied. For PAL, a 29.5 MHz clock must be supplied. Square
pixel operation is not available in 4
× Oversampling mode.
Standard I
2C Control (MR25)
This bit controls the video standard used by the ADV7190/
ADV7191. When this bit is set to 1 the video standard as pro-
grammed in Output Video Standard Selection (MR00, MR01).
When MR25 is set to 0, the ADV7190/ADV7191 is forced into
the standard selected by the NTSC_PAL pin. When NTSC_PAL
is low the standard is NTSC, when the NTSC_PAL pin is high,
the standard is PAL.
Pixel Data Valid Control (MR26)
After resetting the device, this bit has the value 0 and the pixel
data input to the encoder is blanked such that a black screen is
output from the DACs. The ADV7190/ADV7191 will be set
to Master Mode timing. When this bit is set to 1 by the user
(via the I
2C), pixel data passes to the pins and the encoder re-
verts to the Timing Mode defined by Timing Register 0.
Sleep Mode Control (MR27)
When this bit is set (1), Sleep Mode is enabled. With this mode
enabled, the ADV7190/ADV7191 current consumption is reduced
to less than 1 mA. The I
2C registers can be written to and read
from when the ADV7190/ADV7191 is in Sleep Mode.
When the device is in Sleep Mode and 0 is written to MR27, the
ADV7190/ADV7191 will come out of Sleep Mode and resume
normal operation. Also, if a
RESET is applied during Sleep
Mode, the ADV7190/ADV7191 will come out of Sleep Mode
and resume normal operation.
For this to operate, Power Up in Sleep Mode Control has to be
enabled (MR60 = 0), otherwise Sleep Mode is controlled by
the PAL_NTSC and SCRESET/RTC/TR pins.
Table III. DAC Output Configuration Matrix
SCART
DAC O/P
RGB/YUV
MR22
MR21
MR20
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
0
0
0
G
B
R
CVBS
LUMA
CHROMA
0
0
1
Y
U
V
CVBS
LUMA
CHROMA
0
1
0
CVBS
LUMA
CHROMA
G
B
R
0
1
1
CVBS
LUMA
CHROMA
Y
U
V
1
0
0
CVBS
B
R
G
LUMA
CHROMA
1
0
1
CVBS
U
V
Y
LUMA
CHROMA
1
1
0
CVBS
LUMA
CHROMA
G
B
R
1
1
1
CVBS
LUMA
CHROMA
Y
U
V
MR27
MR26
MR25
MR24
MR23
MR22
MR21
MR20
RGB/YUV
CONTROL
0
RGB OUTPUT
1
YUV OUTPUT
MR20
SCART ENABLE
CONTROL
0
DISABLE
1
ENABLE
MR22
SQUARE PIXEL
CONTROL
0
DISABLE
1
ENABLE
MR24
PIXEL DATA
VALID CONTROL
0
DISABLE
1
ENABLE
MR26
DAC OUTPUT
CONTROL
0
RGB/YUV/COMP
1
COMP/LUMA/CHROMA
MR21
PEDESTAL
CONTROL
0
PEDESTAL OFF
1
PEDESTAL ON
MR23
STANDARD I2C
CONTROL
0
DISABLE
1
ENABLE
MR25
SLEEP MODE
CONTROL
0
DISABLE
1
ENABLE
MR27
Figure 52. Mode Register 2 (MR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com