Electronic Components Datasheet Search
  English  ▼

X  

RT8060A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8060A
Description  1.5MHz, 1A High Efficiency Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8060A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8060A Datasheet HTML 1Page - Richtek Technology Corporation RT8060A Datasheet HTML 2Page - Richtek Technology Corporation RT8060A Datasheet HTML 3Page - Richtek Technology Corporation RT8060A Datasheet HTML 4Page - Richtek Technology Corporation RT8060A Datasheet HTML 5Page - Richtek Technology Corporation RT8060A Datasheet HTML 6Page - Richtek Technology Corporation RT8060A Datasheet HTML 7Page - Richtek Technology Corporation RT8060A Datasheet HTML 8Page - Richtek Technology Corporation RT8060A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT8060A
4
DS8060A-00 March 2011
www.richtek.com
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in natural convection at TA = 25°C on a low effective thermal conductivity test board of JEDEC 51-3
thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com