Electronic Components Datasheet Search
  English  ▼

X  

RT8060A Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8060A
Description  1.5MHz, 1A High Efficiency Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8060A Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8060A Datasheet HTML 2Page - Richtek Technology Corporation RT8060A Datasheet HTML 3Page - Richtek Technology Corporation RT8060A Datasheet HTML 4Page - Richtek Technology Corporation RT8060A Datasheet HTML 5Page - Richtek Technology Corporation RT8060A Datasheet HTML 6Page - Richtek Technology Corporation RT8060A Datasheet HTML 7Page - Richtek Technology Corporation RT8060A Datasheet HTML 8Page - Richtek Technology Corporation RT8060A Datasheet HTML 9Page - Richtek Technology Corporation RT8060A Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RT8060A
6
DS8060A-00 March 2011
www.richtek.com
Line Transient Response
Time (100
μs/Div)
IOUT = 100mA
VIN
(2V/Div)
VOUT
(10mV/Div)
Switching
Time (250ns/Div)
VIN1 = 5.5V, IOUT = 500mA
VLX
(5V/Div)
IInductor
(500mA/Div)
VOUT
(20mV/Div)
PGOOD Threshold vs. Temperature
70%
75%
80%
85%
90%
95%
100%
-50
-25
0
25
50
75
100
125
Temperature (°C)
100
97
94
91
88
85
82
79
76
73
70
Low to High
High to Low
VIN = 5.5V
Switching
Time (250ns/Div)
VIN1 = 5.5V, IOUT = 1A
VLX
(5V/Div)
IInductor
(1A/Div)
VOUT
(20mV/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com