Electronic Components Datasheet Search
  English  ▼

X  

RT8060A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8060A
Description  1.5MHz, 1A High Efficiency Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8060A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8060A Datasheet HTML 1Page - Richtek Technology Corporation RT8060A Datasheet HTML 2Page - Richtek Technology Corporation RT8060A Datasheet HTML 3Page - Richtek Technology Corporation RT8060A Datasheet HTML 4Page - Richtek Technology Corporation RT8060A Datasheet HTML 5Page - Richtek Technology Corporation RT8060A Datasheet HTML 6Page - Richtek Technology Corporation RT8060A Datasheet HTML 7Page - Richtek Technology Corporation RT8060A Datasheet HTML 8Page - Richtek Technology Corporation RT8060A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT8060A
3
DS8060A-00 March 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------
−0.3V to 6.5V
LX Pin Voltage--------------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
Other I/O Pin Voltage -----------------------------------------------------------------------------------------------
−0.3V to 6.5V
Power Dissipation, PD @ TA = 25°C
SOT-23-5 -------------------------------------------------------------------------------------------------------------- 0.4W
Package Thermal Resistance (Note 2)
SOT-23-5,
θJA --------------------------------------------------------------------------------------------------------- 250°C/W
Junction Temperature Range -------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(VIN = 3.6V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ
--
78
--
μA
Reference Voltage
VREF
0.588
0.6
0.612
V
VIN Rising
2
2.3
2.45
Under Voltage Lockout
Threshold
VUVLO
Hysteresis
--
0.2
--
V
Switching Frequency
fSW
1.2
1.5
1.8
MHz
PGOOD Low Threshold
VFB Falling
--
85
--
%VREF
PGOOD High Threshold
VFB Rising
--
90
--
%VREF
Thermal Shutdown Temperature TSD
--
150
--
°C
Switch On Resistance, High
RPFET
ILX = 0.2A
--
250
--
m
Ω
Switch On Resistance, Low
RNFET
ILX = 0.2A
--
200
--
m
Ω
Peak Current Limit
ILIM
1.1
1.5
2
A
Output Voltage Line Regulation
VIN = 2.7V to 5.5V
--
0.1
--
%/V
Output Voltage Load Regulation
0A < ILOAD < 0.6A
--
1
--
%/A
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------ 2.7V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com