Electronic Components Datasheet Search
  English  ▼

X  

RT8060A Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8060A
Description  1.5MHz, 1A High Efficiency Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8060A Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8060A Datasheet HTML 1Page - Richtek Technology Corporation RT8060A Datasheet HTML 2Page - Richtek Technology Corporation RT8060A Datasheet HTML 3Page - Richtek Technology Corporation RT8060A Datasheet HTML 4Page - Richtek Technology Corporation RT8060A Datasheet HTML 5Page - Richtek Technology Corporation RT8060A Datasheet HTML 6Page - Richtek Technology Corporation RT8060A Datasheet HTML 7Page - Richtek Technology Corporation RT8060A Datasheet HTML 8Page - Richtek Technology Corporation RT8060A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT8060A
5
DS8060A-00 March 2011
www.richtek.com
Typical Operating Characteristics
Load Transient Response
Time (250
μs/Div)
VIN = 5.5V, IOUT = 50mA to 1A
VOUT
(50mV/Div)
IOUT
(500mA/Div)
Frequency vs. Temperature
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5.5V
VIN = 3.6V
IOUT = 0.5A
Reference Voltage vs. Temperature
0.570
0.575
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, IOUT = 0.6A
Reference Voltage vs. Input Voltage
0.570
0.575
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
2.8
3.3
3.8
4.3
4.8
5.3
Input Voltage (V)
IOUT = 0.6A
Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
Load Current (A)
VIN = 3.8V
VIN = 5V
VIN = 5.5V
VOUT = 1.2V
Reference Voltage vs. Output Current
0.570
0.575
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
0.0
0.2
0.4
0.6
0.8
1.0
Output Current (A)
VBuck = 12V
VIN = 5.5V
VIN = 5V
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com