Electronic Components Datasheet Search
  English  ▼

X  

THS4532 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532 Datasheet(HTML) 4 Page - Texas Instruments

  THS4532 Datasheet HTML 1Page - Texas Instruments THS4532 Datasheet HTML 2Page - Texas Instruments THS4532 Datasheet HTML 3Page - Texas Instruments THS4532 Datasheet HTML 4Page - Texas Instruments THS4532 Datasheet HTML 5Page - Texas Instruments THS4532 Datasheet HTML 6Page - Texas Instruments THS4532 Datasheet HTML 7Page - Texas Instruments THS4532 Datasheet HTML 8Page - Texas Instruments THS4532 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = 2.7 V (continued)
Test conditions at TA = 25°C, VS+ = 2.7 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP, RF = 2 kΩ, RL = 2 kΩ differential, G = 1 V/V,
single-ended input, differential output, and input and output referenced to mid-supply, unless otherwise noted.
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
DC PERFORMANCE
Open-loop voltage gain (AOL)
100
113
dB
A
TA = +25°C
±80
±400
A
TA = 0°C to +70°C
±715
Input-referred offset voltage
µV
TA = –40°C to +85°C
±855
B
TA = –40°C to +125°C
±1300
TA = 0°C to +70°C
±2
±7
Input offset voltage drift(2)
TA = –40°C to +85°C
±2
±7
µV/°C
B
TA = –40°C to +125°C
±3
±9
TA = +25°C
200
250
A
TA = 0°C to +70°C
275
Input bias current
nA
TA = –40°C to +85°C
286
B
TA = –40°C to +125°C
305
TA = 0°C to +70°C
0.45
0.55
Input bias current drift(2)
TA = –40°C to +85°C
0.45
0.55
nA/°C
B
TA = –40°C to +125°C
0.45
0.55
TA = +25°C
±5
±50
A
TA = 0°C to +70°C
±55
Input offset current
nA
TA = –40°C to +85°C
±57
B
TA = –40°C to +125°C
±60
TA = 0°C to +70°C
±0.03
±0.1
Input offset current drift(2)
TA = –40°C to +85°C
±0.03
±0.1
nA/°C
B
TA = –40°C to +125°C
±0.03
±0.1
INPUT
TA = +25°C, CMRR > 87 dB
VS– – 0.2
VS–
A
Common-mode input low
V
TA = –40°C to +125°C, CMRR > 87 dB
VS– – 0.2
VS–
B
TA = +25°C, CMRR > 87 dB
VS+ – 1.2 VS+ – 1.1
A
Common-mode input high
V
TA = –40°C to +125°C, CMRR > 87 dB
VS+ – 1.2 VS+ – 1.1
B
Common-mode rejection ratio
90
116
dB
A
Input impedance common-mode
200 || 1.2
C
k
Ω || pF
Input impedance differential mode
200 || 1
C
OUTPUT
TA = +25°C
VS– +
VS– +
A
0.06
0.2
Single-ended output voltage: low
V
TA = –40°C to +125°C
VS– +
VS– +
B
0.06
0.2
TA = +25°C
VS+ – 0.2
VS+ –
A
0.11
Single-ended output voltage: high
V
TA = –40°C to +125°C
VS+ – 0.2
VS+ –
B
0.11
Output saturation voltage: high/low
110/60
mV
C
TA = +25°C
±15
±22
A
Linear output current drive
mA
TA = –40°C to +125°C
±15
B
(2)
Input offset voltage drift, input bias current drift, and input offset current drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com