Electronic Components Datasheet Search
  English  ▼

X  

THS4532 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532 Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS4532 Datasheet HTML 29Page - Texas Instruments THS4532 Datasheet HTML 30Page - Texas Instruments THS4532 Datasheet HTML 31Page - Texas Instruments THS4532 Datasheet HTML 32Page - Texas Instruments THS4532 Datasheet HTML 33Page - Texas Instruments THS4532 Datasheet HTML 34Page - Texas Instruments THS4532 Datasheet HTML 35Page - Texas Instruments THS4532 Datasheet HTML 36Page - Texas Instruments THS4532 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
5k
10k
15k
20k
24k
Frequency (Hz)
VS = 5 V
G = 1 V/V
VOUT = 1 VRMS
RF = 2 kΩ
RL = 600 Ω
G071
−115
−113
−111
−109
−107
−105
−103
−101
−99
−97
−95
0
5k
10k
15k
20k
24k
Frequency (Hz)
No Weighting
A−Weighting
VS = 5 V
G = 1 V/V
VOUT = 1 VRMS
RF = 2 kΩ
RL = 600 Ω
G070
RG
RG
0.22 F
RF
RF
VS+
THS4532
To Analyzer
VOUT+
10
VOUT±
10
From Analyzer
100 pF
VIN+
VIN±
100 pF
+
±
VOCM
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
Figure 84. THS4532 Audio Analyzer Test Circuit
Figure 85. THD+N on Audio Analyzer, 10 Hz to 24 kHz
Figure 86. 1kHz FFT Plot on Audio Analyzer
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com