Electronic Components Datasheet Search
  English  ▼

X  

THS4532 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS4532 Datasheet HTML 23Page - Texas Instruments THS4532 Datasheet HTML 24Page - Texas Instruments THS4532 Datasheet HTML 25Page - Texas Instruments THS4532 Datasheet HTML 26Page - Texas Instruments THS4532 Datasheet HTML 27Page - Texas Instruments THS4532 Datasheet HTML 28Page - Texas Instruments THS4532 Datasheet HTML 29Page - Texas Instruments THS4532 Datasheet HTML 30Page - Texas Instruments THS4532 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
VOUT+
RG
RG
VIN-
VIN+
0.22 F
RF
RF
RO
RO
RIT
RIT
Input From 50-
Test Equipment
No Connection
49.9
VOUT±
Installed to Balance
Amplifier
VS+
THS4532
VS±
Measure With
Diff Probe Here
Cal Diff Probe
+
±
VOCM
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
Balance Error
The circuit shown in Figure 75 is used to measure the balance error of the main differential amplifier. A network
analyzer is used as the signal source and the measurement device. The output impedance of the network
analyzer is 50
Ω and is DC coupled. RIT and RG are chosen to impedance match to 50Ω and maintain the proper
gain. To balance the amplifier, a 49.9
Ω resistor to ground is inserted across RIT on the alternate input. The output
is measured using a high impedance differential probe at the summing junction of the two RO resistors, with
respect to ground.
Figure 75. Balance Error Test Circuit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com