Electronic Components Datasheet Search
  English  ▼

X  

THS4532 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532 Datasheet(HTML) 39 Page - Texas Instruments

Back Button THS4532 Datasheet HTML 35Page - Texas Instruments THS4532 Datasheet HTML 36Page - Texas Instruments THS4532 Datasheet HTML 37Page - Texas Instruments THS4532 Datasheet HTML 38Page - Texas Instruments THS4532 Datasheet HTML 39Page - Texas Instruments THS4532 Datasheet HTML 40Page - Texas Instruments THS4532 Datasheet HTML 41Page - Texas Instruments THS4532 Datasheet HTML 42Page - Texas Instruments THS4532 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
EVM AND LAYOUT RECOMMENDATIONS
The THS4532 EVM (SLOU358) should be used as a reference when designing the circuit board. It is
recommended to follow the EVM layout of the external components near to the amplifier, ground plane
construction, and power routing as closely as possible. General guidelines are:
1. Signal routing should be direct and as short as possible into and out of the op amp.
2. The feedback path should be short and direct avoiding vias if possible.
3. Ground or power planes should be removed from directly under the amplifier’s input and output pins.
4. A series output resistor is recommended to be placed as near to the output pin as possible. See Figure 82
“Recommended Series Output Resistor vs. Capacitive Load” for recommended values given expected
capacitive load of design.
5. A 2.2µF power supply decoupling capacitor should be placed within 2 inches of the device and can be
shared with other op amps. For split supply, a capacitor is required for both supplies.
6. A 0.1µF power supply decoupling capacitor should be placed as near to the power supply pins as possible.
Preferably within 0.1 inch. For split supply, a capacitor is required for both supplies.
7. The PD pin uses TTL logic levels referenced to the negative supply voltage (VS-). When not used it should
tied to the positive supply to enable the amplifier. When used, it must be actively driven high or low and
should not be left in an indeterminate logic state. A bypass capacitor is not required, but can be used for
robustness in noisy environments.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com