Electronic Components Datasheet Search
  English  ▼

X  

THS4532 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4532 Datasheet HTML 28Page - Texas Instruments THS4532 Datasheet HTML 29Page - Texas Instruments THS4532 Datasheet HTML 30Page - Texas Instruments THS4532 Datasheet HTML 31Page - Texas Instruments THS4532 Datasheet HTML 32Page - Texas Instruments THS4532 Datasheet HTML 33Page - Texas Instruments THS4532 Datasheet HTML 34Page - Texas Instruments THS4532 Datasheet HTML 35Page - Texas Instruments THS4532 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
−21
−18
−15
−12
−9
−6
−3
0
3
100k
1M
10M
100M
Frequency (Hz)
CL = 0 pF, RO = 0 Ω
CL = 15 pF, RO = 200 Ω
CL = 39 pF, RO = 100 Ω
CL = 120 pF, RO = 50 Ω
CL = 470 pF, RO = 20 Ω
CL = 1200 pF, RO = 12 Ω
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
VOUT = 100 mVpp
G069
1
10
100
200
1
10
100
1k
2k
CLOAD (pF)
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
G068
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
Figure 82. Recommended Series Output Resistor vs Capacitive Load for Flat Frequency Response
Figure 83. Frequency Response for Various RO and CL Values
Audio Performance
The THS4532 provides excellent audio performance with very low quiescent power. To show performance in the
audio band, the device was tested with an audio analyzer. THD+N and FFT tests were run at 1Vrms output
voltage. Performance is the same on both 2.7V and 5V supply. Figure 84 is the test circuit used, and Figure 85
and Figure 86 show performance of the analyzer. In the FFT plot the harmonic spurs are at the testing limit of the
analyzer, which means the THS4532 is actually much better than can be directly measured. Because the
THS4532 distortion performance cannot be directly measured in the audio band it is estimated from
measurement in high noise gain configuration correlated with simulation.
32
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com