Electronic Components Datasheet Search
  English  ▼

X  

LM25019 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM25019
Description  48V, 100mA Constant On-Time Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25019 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25019 Datasheet HTML 3Page - Texas Instruments LM25019 Datasheet HTML 4Page - Texas Instruments LM25019 Datasheet HTML 5Page - Texas Instruments LM25019 Datasheet HTML 6Page - Texas Instruments LM25019 Datasheet HTML 7Page - Texas Instruments LM25019 Datasheet HTML 8Page - Texas Instruments LM25019 Datasheet HTML 9Page - Texas Instruments LM25019 Datasheet HTML 10Page - Texas Instruments LM25019 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
FB
VIN
VCC
SW
RTN
BST
1.225V
VILIM
LM25019
RON
ILIM
COMPARATOR
+
-
V UVLO
ON/OFF
TIMERS
COT CONTROL
LOGIC
1.225V
START-UP
REGULATOR
VIN
FEEDBACK
DISABLE
THERMAL
SHUTDOWN
UVLO
OVER-VOLTAGE
1.62V
UVLO
4.5V
SD
SHUTDOWN
VDD REG
BG REF
0.66V
20 µA
CURRENT
LIMIT
ONE-SHOT
LM25019
www.ti.com
SNVS952 – DECEMBER 2012
Block Diagram
Figure 12. Functional Block Diagram
Functional Description
The LM25019 step-down switching regulator features all the functions needed to implement a low cost, efficient,
buck converter capable of supplying up to 100mA to the load. This high voltage regulator contains 48V, N-
channel buck and synchronous switches, is easy to implement, and is provided in thermally enhanced PSOP-8
and LLP-8 packages. The regulator operation is based on a constant on-time control scheme using an on-time
inversely proportional to VIN. This control scheme does not require loop compensation. The current limit is
implemented with a forced off-time inversely proportional to VOUT. This scheme ensures short circuit protection
while providing minimum foldback. The simplified block diagram of the LM25019 is shown in Figure 12,
Functional Block Diagram.
The LM25019 can be applied in numerous applications to efficiently regulate down higher voltages. This
regulator is well suited for 12V and 24V rails. Protection features include: thermal shutdown, undervoltage
lockout, minimum forced off-time, and an intelligent current limit.
Control Overview
The LM25019 buck regulator employs a control principle based on a comparator and a one-shot on-timer, with
the output voltage feedback (FB) compared to an internal reference (1.225V). If the FB voltage is below the
reference the internal buck switch is turned on for the one-shot timer period, which is a function of the input
voltage and the programming resistor (RON). Following the on-time the switch remains off until the FB voltage
falls below the reference, but never before the minimum off-time forced by the minimum off-time one-shot timer.
When the FB pin voltage falls below the reference and the minimum off-time one-shot period expires, the buck
switch is turned on for another on-time one-shot period. This will continue until regulation is achieved and the FB
voltage is approximately equal to 1.225V (typ).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com