Electronic Components Datasheet Search
  English  ▼

X  

LM25019 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM25019
Description  48V, 100mA Constant On-Time Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25019 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM25019 Datasheet HTML 7Page - Texas Instruments LM25019 Datasheet HTML 8Page - Texas Instruments LM25019 Datasheet HTML 9Page - Texas Instruments LM25019 Datasheet HTML 10Page - Texas Instruments LM25019 Datasheet HTML 11Page - Texas Instruments LM25019 Datasheet HTML 12Page - Texas Instruments LM25019 Datasheet HTML 13Page - Texas Instruments LM25019 Datasheet HTML 14Page - Texas Instruments LM25019 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ûIL
COUT =
8 x gsw x ûVripple
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
VIN
VOUT
RFB1
RC
RUV1
RON
COUT
CBST
CIN
RFB2
RUV2
L1
UVLO
CVCC
LM25019
9V-48V
1
2
3
4
5
6
8
7
Shutdown
+
CBYP
VIN - VOUT
ûIL =
L1 x gSW
VOUT
VIN
x
VOUT
gSW =
K x RON
DMIN
gSW(MAX) =
TON(MIN)
10/48
100 ns
=
= 2.1 MHz
1 - DMAX
gSW(MAX) =
TOFF(MIN)
1 - 10/12.5
200 ns
=
= 1 MHz
LM25019
www.ti.com
SNVS952 – DECEMBER 2012
RFB1, RFB2:
VOUT = VFB x (RFB2/RFB1 + 1), and since VFB = 1.225V, the ratio of RFB2 to RFB1 calculates as 7:1. Standard
values of 6.98k
Ω and 1.00kΩ are chosen. Other values could be used as long as the 7:1 ratio is maintained.
Frequency Selection:
At the minimum input voltage, the maximum switching frequency of LM25019 is restricted by the forced minimum
off-time (TOFF(MIN)) as given by:
(6)
Similarly, at maximum input voltage, the maximum switching frequency of LM25019 is restricted by the minimum
TON as given by:
(7)
Resistor RON sets the nominal switching frequency based on the following equations:
(8)
where K = 1 x 10–10. Operation at high switching frequency results in lower efficiency while providing the smallest
solution. For this example a 400kHz was selected, resulting in RON = 246kΩ. Selecting a standard value for RON
= 237k
Ω results in a nominal frequency of 416kHz.
Inductor Selection:
The inductance selection is a compromise between solution size, output ripple, and efficiency. The peak inductor
current at maximum load current should be smaller than the minimum current limit of 150mA. The maximum
permissible peak to peak inductor ripple is:
ΔIL = 2*(ILIM(min) - IOUT(max) = 2*50 = 100mA
The minimum inductance is given by:
(9)
Resulting in L=190µH. A standard value of 220µH is selected. For proper operation the inductor saturation
current should be higher than the peak encountered in the application. For robust short circuit protection, the
inductor saturation current should be higher than the maximum current limit of 300mA.
Figure 15. Reference Schematic for Selection of External Components
Output Capacitor:
The output capacitor is selected to minimize the capacitive ripple across it. The maximum ripple is observed at
maximum input voltage and is given by:
(10)
where
ΔVripple is the voltage ripple across the capacitor. Substituting ΔVripple = 10mV gives COUT = 2.94μF. A
4.7
μF standard value is selected. An X5R or X7R type capacitor with a voltage rating 16V or higher should be
selected.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com