Electronic Components Datasheet Search
  English  ▼

X  

LM25019 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM25019
Description  48V, 100mA Constant On-Time Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25019 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM25019 Datasheet HTML 6Page - Texas Instruments LM25019 Datasheet HTML 7Page - Texas Instruments LM25019 Datasheet HTML 8Page - Texas Instruments LM25019 Datasheet HTML 9Page - Texas Instruments LM25019 Datasheet HTML 10Page - Texas Instruments LM25019 Datasheet HTML 11Page - Texas Instruments LM25019 Datasheet HTML 12Page - Texas Instruments LM25019 Datasheet HTML 13Page - Texas Instruments LM25019 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
+
VIN
UVLO
VIN
RUV1
CIN
RUV2
2
3
LM25019
LM25019
SNVS952 – DECEMBER 2012
www.ti.com
Undervoltage Detector
The LM25019 contains a dual level Undervoltage Lockout (UVLO) circuit. When the UVLO pin voltage is below
0.66V, the controller is in a low current shutdown mode. When the UVLO pin voltage is greater than 0.66V but
less than 1.225V, the controller is in standby mode. In standby mode the VCC bias regulator is active while the
regulator output is disabled. When the VCC pin exceeds the VCC undervoltage threshold and the UVLO pin
voltage is greater than 1.225V, normal operation begins. An external set-point voltage divider from VIN to GND
can be used to set the minimum operating voltage of the regulator.
UVLO hysteresis is accomplished with an internal 20
μA current source that is switched on or off into the
impedance of the set-point divider. When the UVLO threshold is exceeded, the current source is activated to
quickly raise the voltage at the UVLO pin. The hysteresis is equal to the value of this current times the resistance
RUV2.
UVLO
VCC
Mode
Description
<0.66V
Shutdown
VCC Regulator Disabled.
Switcher Disabled.
0.66V – 1.225V
Standby
VCC Regulator Enabled
Switcher Disabled.
>1.225V
VCC <4.5V
Standby
VCC Regulator Enabled.
Switcher Disabled.
VCC >4.5V
Operating
VCC enabled.
Switcher enabled.
If the UVLO pin is wired directly to the VIN pin, the regulator will begin operation once the VCC undervoltage is
satisfied.
Figure 14. UVLO Resistor Setting
Thermal Protection
The LM25019 should be operated so the junction temperature does not exceed 150°C during normal operation.
An internal Thermal Shutdown circuit is provided to protect the LM25019 in the event of a higher than normal
junction temperature. When activated, typically at 165°C, the controller is forced into a low power reset state,
disabling the buck switch and the VCC regulator. This feature prevents catastrophic failures from accidental
device overheating. When the junction temperature reduces below 145°C (typical hysteresis = 20°C), the VCC
regulator is enabled, and normal operation is resumed.
Application Information
SELECTION OF EXTERNAL COMPONENTS
Selection of external components is illustrated through a design example. The design example specifications are
as follows:
Buck Converter Design Specifications
Input Voltage Range
12.5V to 48V
Output Voltage
10V
Maximum Load Current
100mA
Switching Frequency
400kHz
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM25019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com