Electronic Components Datasheet Search
  English  ▼

X  

LM25019 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM25019
Description  48V, 100mA Constant On-Time Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25019 Datasheet(HTML) 1 Page - Texas Instruments

  LM25019 Datasheet HTML 1Page - Texas Instruments LM25019 Datasheet HTML 2Page - Texas Instruments LM25019 Datasheet HTML 3Page - Texas Instruments LM25019 Datasheet HTML 4Page - Texas Instruments LM25019 Datasheet HTML 5Page - Texas Instruments LM25019 Datasheet HTML 6Page - Texas Instruments LM25019 Datasheet HTML 7Page - Texas Instruments LM25019 Datasheet HTML 8Page - Texas Instruments LM25019 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
VIN
VOUT
RFB1
RC
RUV1
RON
COUT
CBST
CIN
RFB2
RUV2
L1
UVLO
CVCC
LM25019
9V-48V
1
2
3
4
5
6
8
7
SD
LM25019
www.ti.com
SNVS952 – DECEMBER 2012
LM25019 48V, 100mA Constant On-Time Synchronous Buck Regulator
Check for Samples: LM25019
1
FEATURES
•
Frequency Adjustable to 1MHz
•
Adjustable Undervoltage Lockout
2
•
Wide 9V to 48V Input Range
•
Remote Shutdown
•
Integrated 48V, High and Low Side Switches
•
Thermal Shutdown
•
No Schottky Required
•
Constant On-Time Control
APPLICATIONS
•
No Loop Compensation Required
•
Industrial Equipments
•
Ultra-Fast Transient Response
•
Smart Power Meters
•
Nearly Constant Operating Frequency
•
Telecommunication Systems
•
Intelligent Peak Current Limit
•
Isolated Bias Supply
•
Adjustable Output Voltage from 1.225V
•
Precision 2% Feedback Reference
DESCRIPTION
The LM25019 is a 48V, 100mA synchronous step-down regulator with integrated high side and low side
MOSFETs. The constant-on-time (COT) control scheme employed in the LM25019 requires no loop
compensation, provides excellent transient response, and enables very low step-down ratios. The on-time varies
inversely with the input voltage resulting in nearly constant frequency over the input voltage range. A high voltage
startup regulator provides bias power for internal operation of the IC and for integrated gate drivers.
A peak current limit circuit protects against overload conditions. The undervoltage lockout (UVLO) circuit allows
the input undervoltage threshold and hysteresis to be independently programmed. Other protection features
include thermal shutdown and bias supply undervoltage lockout.
The LM25019 is available in LLP-8 and PSOP-8 plastic packages.
Packages
•
LLP-8
•
PSOP-8
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM25019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25019 TI-LM25019 Datasheet
1Mb / 27P
LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM25019MR TI1-LM25019MR Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
LM25019MRE TI1-LM25019MRE Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
LM25019MRX TI1-LM25019MRX Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
LM25019SD TI1-LM25019SD Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM25019

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
3A, Constant On Time Buck Regulator
logo
Texas Instruments
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
100V, 600mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
100V, 300mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019 Datasheet
419Kb / 17P
100V, 100mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017 Datasheet
337Kb / 19P
48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018 Datasheet
337Kb / 18P
48V, 325mA Constant On-Time Synchronous Buck Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
600mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
logo
Vishay Siliconix
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com