Electronic Components Datasheet Search
  English  ▼

X  

LM25019 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM25019
Description  48V, 100mA Constant On-Time Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25019 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM25019 Datasheet HTML 5Page - Texas Instruments LM25019 Datasheet HTML 6Page - Texas Instruments LM25019 Datasheet HTML 7Page - Texas Instruments LM25019 Datasheet HTML 8Page - Texas Instruments LM25019 Datasheet HTML 9Page - Texas Instruments LM25019 Datasheet HTML 10Page - Texas Instruments LM25019 Datasheet HTML 11Page - Texas Instruments LM25019 Datasheet HTML 12Page - Texas Instruments LM25019 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
0.07 x VIN
TOFF(ILIM) =
VFB + 0.2V
Ps
10
-10 x R
ON
TON =
VIN
LM25019
www.ti.com
SNVS952 – DECEMBER 2012
Regulation Comparator
The feedback voltage at FB is compared to an internal 1.225V reference. In normal operation, when the output
voltage is in regulation, an on-time period is initiated when the voltage at FB falls below 1.225V. The high side
switch will stay on for the on-time, causing the FB voltage to rise above 1.225V. After the on-time period, the
high side switch will stay off until the FB voltage again falls below 1.225V. During start-up, the FB voltage will be
below 1.225V at the end of each on-time, causing the high side switch to turn on immediately after the minimum
forced off-time of 144ns. The high side switch can be turned off before the on-time is over, if the peak current in
the inductor reaches the current limit threshold.
Overvoltage Comparator
The feedback voltage at FB is compared to an internal 1.62V reference. If the voltage at FB rises above 1.62V
the on-time pulse is immediately terminated. This condition can occur if the input voltage and/or the output load
changes suddenly. The high side switch will not turn on again until the voltage at FB falls below 1.225V.
On-Time Generator
The on-time for the LM25019 is determined by the RON resistor, and is inversely proportional to the input voltage
(VIN), resulting in a nearly constant frequency as VIN is varied over its range. The on-time equation for the
LM25019 is:
(4)
See figure “TON vs VIN and RON” in the section “Performance Curves”. RON should be selected for a minimum on-
time (at maximum VIN) greater than 100ns, for proper operation. This requirement limits the maximum switching
frequency for high VIN.
Current Limit
The LM25019 contains an intelligent current limit off-timer. If the current in the buck switch exceeds 240mA the
present cycle is immediately terminated, and a non-resetable off-timer is initiated. The length of off-time is
controlled by the FB voltage and the input voltage VIN. As an example, when FB = 0V and VIN = 48V, the
maximum off-time is set to 16
μs. This condition occurs when the output is shorted, and during the initial part of
start-up. This amount of time ensures safe short circuit operation up to the maximum input voltage of 48V.
In cases of overload where the FB voltage is above zero volts (not a short circuit) the current limit off-time is
reduced. Reducing the off-time during less severe overloads reduces the amount of foldback, recovery time, and
start-up time. The off-time is calculated from the following equation:
(5)
The current limit protection feature is peak limited. The maximum average output will be less than the peak.
N-Channel Buck Switch and Driver
The LM25019 integrates an N-Channel Buck switch and associated floating high voltage gate driver. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A
0.01uF ceramic capacitor connected between the BST pin and the SW pin provides the voltage to the driver
during the on-time. During each off-time, the SW pin is at approximately 0V, and the bootstrap capacitor charges
from VCC through the internal diode. The minimum off-timer, set to 144ns, ensures a minimum time each cycle to
recharge the bootstrap capacitor.
Synchronous Rectifier
The LM25019 provides an internal synchronous N-Channel MOSFET rectifier. This MOSFET provides a path for
the inductor current to flow when the high-side MOSFET is turned off.
The synchronous rectifier has no diode emulation mode, and is designed to keep the regulator in continuous
conduction mode even during light loads which would otherwise result in discontinuous operation.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com