Electronic Components Datasheet Search
  English  ▼

X  

E5CSV Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E5CSV
Description  Simple to Set and Operate 1/16 DIN Size Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E5CSV Datasheet HTML 3Page - Omron Electronics LLC E5CSV Datasheet HTML 4Page - Omron Electronics LLC E5CSV Datasheet HTML 5Page - Omron Electronics LLC E5CSV Datasheet HTML 6Page - Omron Electronics LLC E5CSV Datasheet HTML 7Page - Omron Electronics LLC E5CSV Datasheet HTML 8Page - Omron Electronics LLC E5CSV Datasheet HTML 9Page - Omron Electronics LLC E5CSV Datasheet HTML 10Page - Omron Electronics LLC E5CSV Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Temperature Controllers
E5CSV
7
1. Sensor Type Specification
Select the number on the temperature range switch to change the
temperature range.
Thermocouple (The default is 2.)
• The control range is –10% to +10% FS for each temperature range.
Note: The input indication range is the range that can be displayed for the
control range (–99 to 1999). If the input is within the control range
but exceeds the display range (–99 to 1999), values below –99 will
be displayed as “[[[” and values above 1,999 will be displayed as
“]]].”
Platinum Resistance Thermometer
(The default is 3.)
• The control range is –10% to +10% FS for each temperature range.
Note: 1. The input indication range is the range that can be displayed for
the control range (–99 to 1999). If the input is within the control
range but exceeds the display range (–99 to 1999), values be-
low –99 will be displayed as “[[[” and values above 1,999 will
be displayed as “]]].”
2. If the unit is changed to 1 degree when the SP and alarm value
for the temperature range are displayed in 0.1-units from 0.0 to
199.9 or 0.0 to 99.9, the values will be multiplied by 10 (e.g., 0.5
becomes 5). If the unit is changed in the reverse direction, the
values will be divided by 10. After changing the range, set the
SP and alarm value again.
3. The temperature range for setting numbers 5 and 6 are the
same as for 7 and 8, respectively.
Multi-input (Thermocouple/Platinum
Resistance Thermometer) Models
• Using Thermocouple Sensors, Control Mode Switch 5: OFF
• The control range is –20
° C to +20° C of the input temperature range.
Note: 1. The input indication range is the range that can be displayed for
the control range (–99 to 1999). If the input is within the control
range but exceeds the display range (–99 to 1999), values be-
low –99 will be displayed as “[[[” and values above 1,999 will
be displayed as “]]].”
2. If unit is changed to 1 degree when the SP and alarm value for
the temperature range are displayed in 0.1-units from 0.0 to
199.9 or 0.0 to 99.9, the values will be multiplied by 10 (e.g., 0.5
becomes 5). If the unit is changed in the reverse direction, the
values will be divided by 10. After changing the range, set the
SP and alarm value again.
• Using Platinum Resistance Thermometers,
Control Mode Switch 5: ON
• The control range is –20
° C to +20° C of the input temperature
range.
Note: 1. The input indication range is the range that can be displayed for
the control range (–99 to 1999). If the input is within the control
range but exceeds the display range (–99 to 1999), values be-
low –99 will be displayed as “[[[” and values above 1,999 will
be displayed as “]]].”
2. If unit is changed to 1 degree when the SP and alarm value for
the temperature range are displayed in 0.1-units from 0.0 to
199.9 or 0.0 to 99.9, the values will be multiplied by 10 (e.g., 0.5
becomes 5). If the unit is changed in the reverse direction, the
values will be divided by 10. After changing the range, set the
SP and alarm value again.
Input
K
J/L
SP
range
1,000
900
800
700
600
500
400
300
200
100
0
999
600
500
500
400
400
300
300
200
200
00
0000
0000
Setting number
01
23
4567
89
Input
JPt100/Pt100
SP
range
500
400
300
200
100
0
–100
400
400
300
300
200
199.9
50
50.0
80
99.9
0.0
0.0
00
000
0.0
–50
–20
Setting number
012
3
4567
89
Input
K
J
L
T
U
N
R
SP
range
1,700
1,600
1,500
1,400
1,300
1,200
1,100
1,000
900
800
700
600
500
400
300
200
100
0
–100
1,700
1,300
1,300
850
850
400
400
199.9
199.9
199.9
0.0
0.0
0.0
0
–99
–99
–99
–99
–99
–99
Setting number
0123
4567
89
Input
Pt100
JPt100
SP
range
1,000
900
800
700
600
500
400
300
200
100
0
–100
850
500
400
400
199.9
200
199.9
200
99
99
0.00
00.0
0
0
–99
–99
–99
–99
Setting number
0
1234
56789
Mode Key Display Order
• If the SP falls outside the temperature range
when the temperature range is changed, the
SP will be displayed first. The SP will be
changed automatically either to the mini-
mum value or the maximum value, which-
ever is nearest.
• If the alarm value falls outside the tempera-
ture range when the temperature range is
changed, the alarm value will be displayed
first. The alarm value will be changed auto-
matically to the maximum value in the new
temperature range.
PV
SP
Alarm value 1
Alarm value 2
Input shift value
Power ON
Press the
Key.
Press the
Key.
Press the
Key.
Press the
Key.
Press the
Key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com