Electronic Components Datasheet Search
  English  ▼

X  

E5CSV Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5CSV
Description  Simple to Set and Operate 1/16 DIN Size Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5CSV Datasheet HTML 1Page - Omron Electronics LLC E5CSV Datasheet HTML 2Page - Omron Electronics LLC E5CSV Datasheet HTML 3Page - Omron Electronics LLC E5CSV Datasheet HTML 4Page - Omron Electronics LLC E5CSV Datasheet HTML 5Page - Omron Electronics LLC E5CSV Datasheet HTML 6Page - Omron Electronics LLC E5CSV Datasheet HTML 7Page - Omron Electronics LLC E5CSV Datasheet HTML 8Page - Omron Electronics LLC E5CSV Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Temperature Controllers
E5CSV
Temperature Controllers
E5CSV
Simple to Set and Operate 1/16 DIN Size
Controllers
• Easy setting using internal DIP and rotary switches
• ON/OFF or PID control (with on-demand auto-tuning)
selectable
• Clearly visible digital display with character height of 13.5 mm
• Deviation indicator makes monitoring more effective
• Multiple temperature sensor input (thermocouple/platinum
resistance thermometer) models stocked; thermocouple
input only and platinum RTD input only models available
• Models with two alarms are ideal for temperature alarm
applications
• Setting change protection prohibits tampering
• Sampling rate (500 ms) and selectable control period (2 and
20 s) improves response
• 8-mode alarm output and sensor error detection
• “Input shift” function adjusts display to reflect known sensor
offsets
•
° C or ° F field selectable
• Black or white cases available to match panel aesthetics
• RoHS compliant
• Water-resistant front panel rated NEMA 4X/IP66
• Compact: measures 48 H x 48 W x 78 D mm
• Accuracy ±0.5% of value
Model Number Structure
■ Model Number Legend
Models with Terminal Blocks
1. Output type
R:
Relay
Q:
Voltage for driving SSR
2. Number of alarms
Blank:No alarm
1:
1 alarm
2:
2 alarms
3. Input type
T:
Thermocouple/platinum resistance thermometer
(multi-input)
KJ:
Thermocouple
P:
Platinum resistance thermometer
4. Power supply voltage
Blank:
100 to 240 VAC
D:
24 VAC/VDC
5. Case color / Display scale
Blank:
Black
W:
Light gray
F:
Scale marked in
° F (Black case only)
6. Power supply voltage
AC100-240: 100 to 240 VAC
AC/DC24: 24 VAC/VDC
Note: A functional explanation is provided here for illustration, but models are not necessarily available for all possible combinations.
Please refer to Ordering Information when ordering.
Examples
• Voltage control output, without alarm, multi-input, light gray case: 115 VAC: E5CSV-QT-W AC100-240
• Relay control output, one alarm output, multi-input, black case: 24 VDC: E5CSV-R1TD AC/DC24
1 2 3 4
5 6


Similar Part No. - E5CSV

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CSV OMRON-E5CSV Datasheet
1,011Kb / 8P
Temperature Controllers
2015.8
E5CSV-Q1KJ-W OMRON-E5CSV-Q1KJ-W Datasheet
1,011Kb / 8P
Temperature Controllers
2015.8
E5CSV-Q1P-W OMRON-E5CSV-Q1P-W Datasheet
1,011Kb / 8P
Temperature Controllers
2015.8
E5CSV-Q1T OMRON-E5CSV-Q1T Datasheet
1,011Kb / 8P
Temperature Controllers
2015.8
E5CSV-Q1TD OMRON-E5CSV-Q1TD Datasheet
1,011Kb / 8P
Temperature Controllers
2015.8
More results

Similar Description - E5CSV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1522 MAXIM-MAX1522 Datasheet
194Kb / 14P
Simple SOT23 Boost Controllers
19-1926; Rev 0; 2/01
MAX6397 MAXIM-MAX6397 Datasheet
689Kb / 17P
Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 3; 1/07
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
logo
Omron Electronics LLC
E5CK-AA1-500 OMRON-E5CK-AA1-500 Datasheet
795Kb / 14P
Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
logo
RF Monolithics, Inc
ZMN24HPDK-B RFM-ZMN24HPDK-B Datasheet
222Kb / 1P
Simple to set-up and configure
ZMN2405DK RFM-ZMN2405DK Datasheet
250Kb / 1P
Simple to set-up and configure
logo
Maxim Integrated Produc...
MAX6397 MAXIM-MAX6397_V01 Datasheet
1Mb / 18P
Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
2014
MAX1522 MAXIM-MAX1522_V01 Datasheet
438Kb / 14P
Simple SOT23 Boost Controllers
2010
logo
FIBOX Enclosing innovat...
3570671 FIBOX-3570671 Datasheet
87Kb / 1P
Connector set, size 1
31.07.2023
3590794 FIBOX-3590794 Datasheet
56Kb / 1P
Flange set, Size 1
14.08.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com