Electronic Components Datasheet Search
  English  ▼

X  

E5CSV Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E5CSV
Description  Simple to Set and Operate 1/16 DIN Size Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E5CSV Datasheet HTML 2Page - Omron Electronics LLC E5CSV Datasheet HTML 3Page - Omron Electronics LLC E5CSV Datasheet HTML 4Page - Omron Electronics LLC E5CSV Datasheet HTML 5Page - Omron Electronics LLC E5CSV Datasheet HTML 6Page - Omron Electronics LLC E5CSV Datasheet HTML 7Page - Omron Electronics LLC E5CSV Datasheet HTML 8Page - Omron Electronics LLC E5CSV Datasheet HTML 9Page - Omron Electronics LLC E5CSV Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Temperature Controllers
E5CSV
Operation
E5CSV
Settings before Turning ON the Power
E5CSV
Remove the E5CSV from the case to make the settings.
1. Insert the tool into the two tool insertion holes (one on the top and
one on the bottom) and release the hooks.
2. Insert the tool in the gap between the front panel and rear case,
and pull out the front panel slightly. Grip the front panel and pull
out fully. Be sure not to impose excessive force on the panel.
3. When inserting the E5CSV, check to make sure that the sealing
rubber is in place and push the E5CSV toward the rear case until
it snaps into position. While pushing the E5CSV into place, push
down on the hooks on the top and bottom surfaces of the rear case
so that the hooks are securely locked in place. Make sure that
electronic components do not come into contact with the case.
Note: 1. The alarm mode switch is not provided on models without alarms.
Alarm 2 is always set to the upper limit in models with two alarms.
A setting switch is not provided for alarm 2.
2. The INIT switch is always OFF during normal operation.
Deviation indicators
The
indicator lights when the PV is greater than
the SP and the
indicator lights when the PV is
less than the SP. The
indicator (green) lights
when the deviation is less than 1% FS (0.25% FS
for multi-input models). These indicators flash
during ST (self-tuning)/AT (auto-tuning).
Mode indicators
The SP indicator lights when the setting
temperature is being displayed. The ALM
indicator lights when the alarm value 1 is
being displayed and flashes when the alarm
value 2 is being displayed.
PV, SP, Alarm Value, Input Shift Display
Alarm indicators
ALM1 (Alarm 1): Lights when the alarm 1
output is ON.
ALM2 (Alarm 2): Lights when the alarm 2
output is ON.
Up Key
Pressing the Up Key increases the
SP/alarm value display. Keeping the Up
Key pressed continues to increase the
display value. When the internal protect
switch is ON, press the Up Key while
holding down the Lock Release Key.
Output indicator
Lights when the control output is ON.
The display switches each time the
Key is pressed.
Lock Release Key
When the protect switch is ON, the set
value can be changed by pressing the Up
and Down Keys while holding down the
Lock Release Key.
Down Key
Pressing the Down Key decreases the
SP/alarm value display. Keeping the Down
Key pressed continues to decrease the
display value. When the internal protect
switch is ON, press the Down Key while
holding down the Lock Release Key.
When the power is turned ON, normally the
display will use the display items in the following
order each time the Mode Key is pressed.
Mode Key
PV
SP
Alarm value 1
Alarm value 2
Input shift value
Power ON
Press the
Key.
Press the
Key.
Press the
Key.
Press the
Key.
Press the
Key.
This item is not displayed when
the Control Mode Switch 4 is OFF.
Flat-blade screwdriver
(Unit: mm)
(1)
(1)
(2)
(3)
Tool insertion hole
0.4
2.0
20 min.
P
ON
X
1
23456
Alarm mode switch (See note 1.)
Temperature range switch
Control mode switches
INIT switch
(See note 2.)
Protect switch
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com