Electronic Components Datasheet Search
  English  ▼

X  

E5CSV Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E5CSV
Description  Simple to Set and Operate 1/16 DIN Size Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E5CSV Datasheet HTML 10Page - Omron Electronics LLC E5CSV Datasheet HTML 11Page - Omron Electronics LLC E5CSV Datasheet HTML 12Page - Omron Electronics LLC E5CSV Datasheet HTML 13Page - Omron Electronics LLC E5CSV Datasheet HTML 14Page - Omron Electronics LLC E5CSV Datasheet HTML 15Page - Omron Electronics LLC E5CSV Datasheet HTML 16Page - Omron Electronics LLC E5CSV Datasheet HTML 17Page - Omron Electronics LLC E5CSV Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Temperature Controllers
E5CSV
■ Terminal Arrangement
• The terminal arrangement has changed from a horizontal to vertical configuration.
■ DIP Switch and Rotary Switch Setting Methods
No change from previous models.
Previous model
E5CSV
250 VAC, 3 A
(Resistive load)
250 VAC, 1 A
(Resistive load)
Thermocouple
input
Platinum resistance
thermometer input
12 VDC,
20 mA
ALARM
100 to 240 VAC,
50/60 Hz or 24 VAC/VDC,
50/60 Hz
A
B
B
3
2
1
4
5
8
7
6
9
10
8
7
SOURCE
8
9
10
7
6
3
4
5
2
1
1
2
1
2
3
4
5
12 VDC,
21 mA
Alarm output 2
Alarm output 1
Multi-input (thermocouple/platinum resistance thermometer)
100 to 240 VAC,
50/60 Hz
(24 VAC/VDC)
A
B
B
Thermocouple
input
Relay output
Voltage output
Platinum resistance
thermometer input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com