Electronic Components Datasheet Search
  English  ▼

X  

E5CSV Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E5CSV
Description  Simple to Set and Operate 1/16 DIN Size Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E5CSV Datasheet HTML 4Page - Omron Electronics LLC E5CSV Datasheet HTML 5Page - Omron Electronics LLC E5CSV Datasheet HTML 6Page - Omron Electronics LLC E5CSV Datasheet HTML 7Page - Omron Electronics LLC E5CSV Datasheet HTML 8Page - Omron Electronics LLC E5CSV Datasheet HTML 9Page - Omron Electronics LLC E5CSV Datasheet HTML 10Page - Omron Electronics LLC E5CSV Datasheet HTML 11Page - Omron Electronics LLC E5CSV Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Temperature Controllers
E5CSV
2. Operation Settings
Use the control mode switches (
) to change the con-
trol mode. (All switches are OFF for the default settings.)
Note: The previous name Pt100 has been changed to JPt100 in ac-
cordance with revisions to JIS. The previous name J-DIN has
been changed to L in accordance with revisions to DIN stan-
dards.
3. Alarm Modes
Select the number of the alarm mode switch
when changing
the alarm mode. (The default is 2).
Note: 1. No alarm. The alarm value (alarm operation display) will not
be displayed when the setting is 0 or 9 even if the selection
key is pressed.
Alarm Setting Range
X: 0 to FS (full scale); Y: Within temperature range
The value of X is the deviation setting for the SP (set point).
2. Standby Sequence Function (The standby sequence oper-
ates when the power is turned ON.)
For details on the position of the temperature range switch, control mode switches, and alarm mode switch, refer to page 6.
Function selection
12
345
6
ON/OFF
PID
PID control
ON
ON/OFF control
OFF
Control
period
2 s
ON
20 s
OFF
Direct/
reverse
opera-
tion
Direct operation
(cooling)
ON
Reverse operation
(heating)
OFF
Input
shift
display
Enabled
ON
Disabled
OFF
Temper-
ature
Sensor
selec-
tion
Thermo-
couple
K, L
ON
K, J
OFF
Platinum
resis-
tance
thermom-
eter
Pt100
ON
JPt100
OFF
Multi-
input
(thermo-
couple/
platinum
resis-
tance
thermom-
eter)
Platinum
resis-
tance
ther-
mometer
input
ON
Thermo-
couple
input
OFF
Temper-
ature
unit
° F
ON
° C
OFF
6
5
4
3
2
1
ON
6
5
4
3
2
1
ON
Set
value
Alarm type
Alarm output operation
0, 9
Alarm function OFF
OFF
1
Upper- and lower-
limit
2
Upper-limit
3
Lower-limit
4
Upper- and lower-
limit range
5
Upper- and lower-
limit with standby se-
quence (See note 2.)
6
Upper-limit with
standby sequence
(See note 2.)
7
Lower-limit with
standby sequence
(See note 2.)
8
Absolute-value up-
per-limit
0 1
9
X
SP
X
ON
OFF
SP
X
ON
OFF
X
SP
ON
OFF
X
SP
X
ON
OFF
X
SP
X
ON
OFF
X
SP
ON
OFF
X
SP
ON
OFF
0
Y
ON
OFF
Upper-limit
alarm
SP
Lower-limit
alarm
Alarm
output
ON
OFF
Upper-limit
alarm
SP
Lower-limit
alarm
Alarm
output
ON
OFF
Rising Temperature
Dropping Temperature
Note: Turn OFF the power before changing the DIP switch settings on the E5CSV. Each of the switch settings will be enabled after the power is
turned ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com