Electronic Components Datasheet Search
  English  ▼

X  

LTC6417 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6417
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6417 Datasheet(HTML) 1 Page - Linear Technology

  LTC6417 Datasheet HTML 1Page - Linear Technology LTC6417 Datasheet HTML 2Page - Linear Technology LTC6417 Datasheet HTML 3Page - Linear Technology LTC6417 Datasheet HTML 4Page - Linear Technology LTC6417 Datasheet HTML 5Page - Linear Technology LTC6417 Datasheet HTML 6Page - Linear Technology LTC6417 Datasheet HTML 7Page - Linear Technology LTC6417 Datasheet HTML 8Page - Linear Technology LTC6417 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC6417
1
6417f
The LTC®6417 is a differential unity gain buffer that can
drive a 50Ω load with extremely low noise and excellent
linearity. It is well suited for driving high speed 14- and
16-bit pipeline ADCs with input signals from DC to beyond
600MHz. Differential input impedance is 18.5kΩ, allowing
1:4 and 1:8 transformers to be used at the input providing
additional system gain in 50Ω systems.
With no external biasing or gain setting components and
a flow-through pinout, the LTC6417 is very easy to use. It
can be DC-coupled and has a common mode output offset
of –60mV. The LTC6417 input pins are internally biased to
provide an output common mode voltage that is set by
the voltage on the VCM pin for AC-coupled applications.
Supplycurrentistypically123mAandtheLTC6417operates
on supply voltages ranging from 4.75V to 5.25V. Power
consumption can be reduced to 74mA via the PWRADJ
pin. The LTC6417 also has a hardware shutdown feature
which reduces current consumption to 24mA.
TheLTC6417featuresfast,adjustableoutputvoltageclamp-
ing to help protect subsequent circuitry. The CLHI pin sets
the maximum swing, while a symmetric minimum swing
is set up internally. LTC6417 VOR pin will signal overrange
when the clamps limit output voltage.
The LTC6417 is packaged in a 20-lead 3mm
× 4mm QFN
package.Pinoutisoptimizedforplacementdirectlyadjacent
to Linear Technology’s high speed 14- and 16-bit ADCs.
Typical applicaTion
DescripTion
1.6GHz Low Noise High Linearity
Differential Buffer/16-Bit ADC
Driver with Fast Clamp
LTC6417 Driving an LTC2209 16-Bit ADC at 140MHz IF
FeaTures
applicaTions
n
1.6GHz –3dB Small Signal Bandwidth
n
Low Distortion Driving 50Ω Load, 2.4VP-P Out
–100dBc/–69dBc HD2/HD3 at 140MHz
–80dBc IM3 and 46dBm OIP3 at 140MHz
–100dBc/–66dBc HD2/HD3 at 380MHz
–68dBc IM3 and 39dBm OIP3 at 380MHz
n
1.5nV/√Hz Output Noise
n
4.3pA/√Hz Input Current Noise
n
Programmable High Speed, Fast Recovery
Output Clamping
n
4.28VP-P Maximum Output Swing on a 50Ω
Differential Load
n
DC-Coupled Signal Path
n
Operates on Single 4.75V to 5.25V Supply
n
Power: 615mW on 5V, Can Be Reduced to 370mW,
Shutdown Mode 120mW
n
3mm
× 4mm 20-Lead QFN Package
n
Differential ADC Driver
n
CCD Buffer
n
Cable Driver
n
50Ω Buffer
LTC6417 Driving LTC2209
16-Bit ADC 32K Point FFT,
fIN = 140MHz, –1dBFS, PGA = 0
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
FREQUENCY (MHz)
6417 TA01b
0
80
40
30
20
70
60
50
10
0
–20
–30
–10
–50
–60
–40
–70
–80
–100
–110
–90
–120
HD2 = –88dBc
HD3 = –94dBc
SFDR = 88dBc
SNR = 75.4dB
SEE FIGURE 1/TABLE 1
1:4 BALUN
fS = 153.6Msps
DEMO BOARD DC1685A
•
•
PWRADJ
GND
SHDN
CLHI
VOR
6417 TA01a
OUT+
OUT –
0.1µF
5V
2.2µF
3.3V
VCM
2.2µF
8
1,6,
11,16
3,7,10,
17, 20,21
5
12
15
14
2
9
19
18
10
10
R42
300
C45
18pF
E3
75nH
R43
300
1k
R53
120Ω
AIN+
AIN–
PGA = 0
LTC2209
IN+
V+
IN–
LTC6417
680pF
CLOCK
(153.6MHz)
16
VCM
C40
12pF
C41
12pF
E5
51nH
C10
12pF
C46
18pF
E3
75nH
R36
60.4
C43
27pF
E1
51nH
R12
60.4
C44
27pF
E2
51nH
100
100
0.01µF
0.01µF
T1
WBC4-14LB
4
6
3
2
1
50
+–


Similar Part No. - LTC6417

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6417 LINER-LTC6417 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6417 LINER-LTC6417 Datasheet
635Kb / 16P
50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
logo
Analog Devices
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
LTC6417CUDC#PBF AD-LTC6417CUDC#PBF Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
LTC6417IUDC#PBF AD-LTC6417IUDC#PBF Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
More results

Similar Description - LTC6417

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
logo
Linear Technology
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6416 LINER-LTC6416 Datasheet
385Kb / 20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6430-15 LINER-LTC6430-15 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6430-15 LINER-LTC6430-15_15 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-20 LINER-LTC6430-20_15 Datasheet
2Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6417 LINER-LTC6417_15 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver with Fast Clamp
logo
Analog Devices
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com