Electronic Components Datasheet Search
  English  ▼

X  

LTC6417 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6417
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6417 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6417 Datasheet HTML 2Page - Linear Technology LTC6417 Datasheet HTML 3Page - Linear Technology LTC6417 Datasheet HTML 4Page - Linear Technology LTC6417 Datasheet HTML 5Page - Linear Technology LTC6417 Datasheet HTML 6Page - Linear Technology LTC6417 Datasheet HTML 7Page - Linear Technology LTC6417 Datasheet HTML 8Page - Linear Technology LTC6417 Datasheet HTML 9Page - Linear Technology LTC6417 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC6417
6
6417f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Linearity
10MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–89
–93
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–100
–110
dBc
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
56
dBm
P1dB
Output 1dB Compression Point
16.1
dBm
70MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–74
–77
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–86
–96
dBc
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
48
dBm
P1dB
Output 1dB Compression Point
15.8
dBm
140MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–69
–73
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–80
–91
dBc
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
46
dBm
P1dB
Output 1dB Compression Point
15.8
dBm
200MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–68
–71
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–78
–87
dBc
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
44
dBm
P1dB
Output 1dB Compression Point
15.8
dBm
240MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–67
–70
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–76
–85
dBc
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
43
dBm
P1dB
Output 1dB Compression Point
15.7
dBm
300MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–66
–69
dBc
dBc
ac elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V unless otherwise noted, GND = 0V, RLOAD = 500Ω,CLOAD = 6pF.
VCM = 1.25V, CLHI = V+, PWRADJ = VCC, SHDN = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as
(OUT+ + OUT–)/2. VINDIFF is defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com