Electronic Components Datasheet Search
  English  ▼

X  

LTC6417 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC6417
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6417 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC6417 Datasheet HTML 24Page - Linear Technology LTC6417 Datasheet HTML 25Page - Linear Technology LTC6417 Datasheet HTML 26Page - Linear Technology LTC6417 Datasheet HTML 27Page - Linear Technology LTC6417 Datasheet HTML 28Page - Linear Technology LTC6417 Datasheet HTML 29Page - Linear Technology LTC6417 Datasheet HTML 30Page - Linear Technology LTC6417 Datasheet HTML 31Page - Linear Technology LTC6417 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC6417
32
6417f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2012
LT 0712 • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
Fixed Gain IF Amplifiers/ADC Drivers
LTC6400-8/LTC6400-14/
LTC6400-20/LTC6400-26
1.8GHz Low Noise, Low Distortion Differential
ADC Drivers
–71dBc IM3 at 240MHz 2VP-P Composite, IS = 90mA, AV = 8dB, 14dB,
20dB, 26dB
LTC6420-20
Dual 1.8GHz Low Noise, Low Distortion Differential
ADC Drivers
Dual Version of the LTC6400-20, AV = 8dB, 14dB, 20dB, 26dB
LTC6401-8/LTC6401-14/
LTC6401-20/LTC6401-26
1.3GHz Low Noise, Low Distortion Differential
ADC Drivers
–74dBc IM3 at 140MHz 2VP-P Composite, IS = 50mA, AV = 8dB, 14dB,
20dB, 26dB
LTC6421-20
Dual 1.3GHz Low Noise, Low Distortion Differential
ADC Drivers
Dual Version of the LTC6401-20, AV = 8dB, 14dB, 20dB, 26dB
IF Amplifiers/ADC Drivers with Variable Gain
LTC6412
800MHz, 31dB Range Analog-Controlled VGA
Continuously Adjustable Gain Control, –14dB to 17dB Linear-in-dB
Gain Range
LT5554
High Dynamic Range 7-Bit Digitally Controlled IF
VGA/ADC Driver
OIP3 = 46dBm at 200MHz, Gain Range 1.725 to 17.6dB 0.125dB Steps
LT5514
Ultra-Low Distortion IF Amplifier/ADC Driver with
Digitally Controlled Gain
OIP3 = 47dBm at 100MHz, Gain Range 10.5dB to 33dB 1.5dB Steps
LT5524
Low Distortion IF Amplifier/ADC Driver with
Digitally Controlled Gain
OIP3 = 40dBm at 100MHz, Gain Range 4.5dB to 37dB 1.5dB Steps
Baseband Differential Amplifiers
LT6416
2GHz Low Noise Differential 16-Bit ADC Buffer
–84dBc IM3 at 160MHz 2VP-P Composite, AV = 1, en = 1.8nV/√Hz, 42mA
LTC6409
10GHz 1.1nV√Hz ADC Driver
AC- or DC-Coupled 0MHz to 100MHz
LTC6406
3GHz Rail-to-Rail Input Differential Amplifier/
ADC Driver
–65dBc IM3 at 50MHz 2VP-P Composite, Rail-to-Rail Inputs,
en = 1.6nV/√Hz, 18mA
LTC6404-1/LTC6404-2/
LTC6404-4
Low Noise Rail-to-Rail Output Differential
Amplifier/ADC Driver
16-Bit SNR and SFDR at 10MHz, Rail-to-Rail Outputs, en = 1.5nV/√Hz,
LTC6404-1 is Unity-Gain Stable, LTC6404-2 is Gain-of-2 Stable
LTC6403-1
Low Noise Rail-to-Rail Output Differential
Amplifier/ADC Driver
16-Bit SNR and SFDR at 3MHz, Rail-to-Rail Outputs, en = 2.8nV/√Hz
ADCs
LTC2209
16-Bit 160Msps ADC
77.3dBFS Noise Floor, 100dB SFDR
LTC2208
16-Bit 130Msps ADC
78dBFS Noise Floor, 100dB SFDR
DC1685A Simplified Schematic with Suggested Output Termination for Driving an LTC2209 16-Bit ADC at 140MHz
•
•
100
100
PWRADJ
GND
SHDN
CLHI
VOR
6417 TA02
OUT+
OUT –
0.1µF
0.01µF
0.01µF
5V
2.2µF
3.3V
VCM
2.2µF
8
1,6,
11,16
3,7,10,
17, 20,21
5
12
15
14
2
9
19
18
T1
WBC4-14LB
10
10
R42
300
C45
18pF
E3
75nH
R43
300
1k
R53
120Ω
AIN+
AIN–
PGA = 0
LTC2209
IN+
V+
IN–
LTC6417
680pF
CLOCK
(153.6MHz)
16
4
6
3
2
1
VCM
C40
12pF
C41
12pF
E5
51nH
C10
12pF
C46
18pF
E3
75nH
R36
60.4
C43
27pF
E1
51nH
R12
60.4
C44
27pF
E2
51nH
50
+–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com