Electronic Components Datasheet Search
  English  ▼

X  

LTC6417 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6417
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6417 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6417 Datasheet HTML 14Page - Linear Technology LTC6417 Datasheet HTML 15Page - Linear Technology LTC6417 Datasheet HTML 16Page - Linear Technology LTC6417 Datasheet HTML 17Page - Linear Technology LTC6417 Datasheet HTML 18Page - Linear Technology LTC6417 Datasheet HTML 19Page - Linear Technology LTC6417 Datasheet HTML 20Page - Linear Technology LTC6417 Datasheet HTML 21Page - Linear Technology LTC6417 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC6417
18
6417f
applicaTions inForMaTion
Circuit Operation
The LTC6417 is a low noise and low distortion fully dif-
ferential unity gain ADC driver with a –3dB bandwidth
spanning DC to 1.6GHz, a differential input impedance of
18.5kΩ, and a differential output impedance of 3Ω. The
LTC6417 is composed of a fully differential buffer with
output common mode voltage control circuitry and high
speed voltage-limiting clamps at the output. Lowpass or
bandpass filters are easily implemented with just a few
external components. The LTC6417 is very flexible in
terms of I/O coupling. It can be AC- or DC-coupled at the
inputs, the outputs or both. When using the LTC6417 with
DC-coupled inputs, best performance is obtained with an
input common mode voltage between 1V and 1.5V. For
AC-coupled operation, the LTC6417 will take the voltage
applied to the VCM pin and use it to bias the inputs so
that the output common mode voltage equals VCM, thus
no external circuitry is needed. The VCM pin has been
designed to directly interface with the VCM pin found on
Linear Technology’s high speed ADC families.
Input Impedance and Matching
The LTC6417 has a high differential input impedance of
18.5kΩ. The differential inputs may need to be terminated
to a lower value impedance, e.g. 50Ω, in order to provide
an impedance match for the source. Figure 1 shows input
matchingandsingle-endedtodifferentialconversionusing
a 1:1 balun, while Figure 2 shows a similar circuit using
a 1:4 balun to achieve an additional 6dB of voltage gain.
These circuits provide a wideband impedance match.
The balun and matching resistors must be placed close
to the input pins in order to minimize the rejection due to
input mismatch. In Figures 1 and 2, the capacitor center-
tapping the two input termination resistors improves high
frequency common mode rejection. As an alternative to
this wideband approach, a narrowband impedance match
can be used at the inputs of the LTC6417 for frequency
selection and/or noise reduction.
Figure 2. Input Termination for Differential 50Ω Input Impedance Using a 1:4 Balun
Figure 1. Input Termination for Differential 50Ω Input Impedance Using a 1:1 Balun
VIN
IN+
IN–
8
9
24.9
0.1µF
50
24.9
OUT–
6417 F01
OUT+
18
19
LTC6417
0.1µF
0.1µF
0.1µF
1:1
T1
MABA-007159-000000
+–
5
4
1
3
2
VIN
T1
TCM4-19+
IN+
IN–
8
9
OUT–
6417 F02
OUT+
18
19
LTC6417
50
0.1µF
100
+–
100
0.1µF
0.1µF
0.1µF
4
6
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com