Electronic Components Datasheet Search
  English  ▼

X  

LTC6417 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6417
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6417 Datasheet(HTML) 3 Page - Linear Technology

  LTC6417 Datasheet HTML 1Page - Linear Technology LTC6417 Datasheet HTML 2Page - Linear Technology LTC6417 Datasheet HTML 3Page - Linear Technology LTC6417 Datasheet HTML 4Page - Linear Technology LTC6417 Datasheet HTML 5Page - Linear Technology LTC6417 Datasheet HTML 6Page - Linear Technology LTC6417 Datasheet HTML 7Page - Linear Technology LTC6417 Datasheet HTML 8Page - Linear Technology LTC6417 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC6417
3
6417f
Dc elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, GND = 0V, No RLOAD, CLOAD = 6pF. VCM = 1.25V, CLHI = V+,
PWRADJ = V+, SHDN = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as (OUT+ + OUT–)/2. VINDIFF is
defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT
Output Current Drive (Notes 1, 4)
Single-Ended Measurement of OUT+, OUT– l
±100
mA
VOS
Differential Input Offset Voltage
IN+ = IN– = 1.25V, VOS = VOUTDIFF/GDIFF
l
–3.2
–4
–0.1
3.2
4
mV
mV
TCVOS
Differential Input Offset Voltage Drift
l
1
µV/°C
VIOCM
Common Mode Offset Voltage, Input
to Output
VOUTCM – VINCM
l
–120
–140
–60
–10
0
mV
mV
IVRMIN
Input Voltage Range, IN+, IN–
(Minimum) (Single-Ended)
Defined by Output Voltage Swing Test
l
0.1
V
IVRMAX
Input Voltage Range IN+, IN–
(Maximum) (Single-Ended)
Defined by Output Voltage Swing Test
l
2.4
V
IB
Input Bias Current, IN+, IN–
IN+ = IN– = 1.25V
l
–13
–18
2
13
18
µA
µA
RINDIFF
Differential Input Resistance
VINDIFF = ±1.2V
l
12
11
18.5
25
27.5
kΩ
kΩ
CINDIFF
Differential Input Capacitance
1
pF
RINCM
Input Common Mode Resistance
IN+ = IN– = 0.65V to 1.85V
l
5.8
5
9.25
13
15
kΩ
kΩ
CMRR
Common Mode Rejection Ratio
IN+ = IN– = 0.65V to 1.85V,
CMRR = (VOUTDIFF/GDIFF/1.2V)
l
63
60
91
dB
dB
ROUTDIFF
Differential Output Resistance
3
Ω
eN
Input Noise Voltage Density
f = 100kHz
1.5
nV/√Hz
iN
Input Noise Current Density
f = 100kHz
4.3
pA/√Hz
Output Common Mode Voltage Control
GCM
VCM Pin Common Mode Gain
VCM = 0.65V to 1.85V
l
0.82
0.8
0.92
V/V
V/V
VINCMDEFAULT
Default Input Common Mode Voltage
VINCM. IN+, IN–, VCM Pin Floating
l
1.15
1.1
1.25
1.35
1.4
V
V
VOS (VCM – VINCM)
Offset Voltage, VCM to VINCM
VCM – VINCM, VCM = 1.25V
l
–85
–90
15
115
135
mV
mV
VOUTCMDEFAULT
Default Output Common Mode Voltage Inputs Floating, VCM Pin Floating
l
1.1
1
1.2
1.3
1.35
V
V
VOS (VCM – VOUTCM) Offset Voltage, VCM to VOUTCM
VCM – VOUTCM, VCM = 1.25V
l
–50
–45
75
200
230
mV
mV
VOUTCMMIN
Output Common Mode Voltage Range
(Minimum)
VCM = 0.1V
l
0.29
0.63
0.65
V
V
VOUTCMMAX
Output Common Mode Voltage Range
(Maximum)
VCM = 2.4V
l
2
1.85
2.25
V
V
VCMDEFAULT
VCM Pin Default Voltage
l
1.15
1.1
1.25
1.35
1.4
V
V
RVCM
VCM Pin Input Resistance
VCM = 0.65V to 1.85V
l
2
1.9
2.7
3.4
3.7
kΩ
kΩ
CVCM
VCM Pin Input Capacitance
1
pF
IBVCM
VCM Pin Bias Current
VCM = 1.25V
l
–15
–27.5
1
15
27.5
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com