Electronic Components Datasheet Search
  English  ▼

X  

CT1820 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # CT1820
Description  CT1820 Data Terminal Bit Processor for MIL-STD-1553 A & B
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1820 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button CT1820 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Aeroflex Circuit Technology
SCDCT1820 REV D 6/25/99 Plainview NY (516) 694-6700
8
Symbol
Description
Min
Max
Units
TD1
TAKE DATA RELAY ON
-
125
ns
TD2
TAKE DATA DELAY OFF
-
125
ns
TD3
SYNC DELAY
-
50
ns
TD4
VALID WORD DELAY
-
125
ns
TD5
BROADCAST DELAY
-
70
ns
TD6
RT ENABLE DELAY
-
100
ns
TD7
MODE CODE DELAY
-
100
ns
TD8
DATA SELECT INPUT DELAY
0 (Note 1)
-
ns
TD9
PARALLEL DATA OUTPUT DELAY
-
50 (Note 2)
ns
Notes: 1. DATA SELECT may be applied at any tlme that the 16 line I/O is otherwise free.
The parallel DATA OUT, however, is not ’NEWDATA’ until 50ns after TAKE DATA goes high.
2. 180ns max for CT1555-3.
Figure 6 – Decoding Timing Detail
5
19
4
TD8
TD9
TD7
TD6
TD5
TD4
TD3
TD1
TD2
DECODER
SHIFT CLOCK
TAKE
DATA
PARALLEL
DATA OUT
DATA
SELECT
MODE
CODE
BROADCAST
VALID
WORD
RT ENABLE
C/D SYNC
LAST STATE
NEW SYNC
LAST STATE
NEW DATA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com