Electronic Components Datasheet Search
  English  ▼

X  

CT1820 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # CT1820
Description  CT1820 Data Terminal Bit Processor for MIL-STD-1553 A & B
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1820 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button CT1820 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Aeroflex Circuit Technology
SCDCT1820 REV D 6/25/99 Plainview NY (516) 694-6700
9
SELF TEST FUNCTION
A high on the S/T SELECT input sets the hybrid in
the SELF TEST mode. In this mode, the DATA and
DATA output lines are connected to the Decoder
inputs so that the unit may operate in the
"wraparound" mode without actually going through
the data bus transceiver. Note that the DATA and
DATA output lines are active in this mode and the
S/T SELECT command must also be used to inhibit
the data bus transmitter to prevent arbitrary
transmission on the data bus.
TERMINAL FAIL SAFE
In
order
to
satisfy
the
Terminal
Fail
Safe
requirements of MIL-STD-1553B, the DATA and
DATA output lines are continuously monitored for
length of message. A transmitted message in
excess of 768µs sets the FAIL SAFE output high
and terminates the transmission by setting both
DATA and DATA output lines low. As a redundant
safety factor, the FAlLSAFE output may be applied
to the lNHlBlT input of the data bus transmitter (if so
equipped). Further transmissions are prevented
until the FAIL SAFE flag is reset either by reception
of a valid command word containing the terminal
address or by a negative pulse on the MRST input.
Note: Transmissions containing gaps of 3µs or less
are considered continuous, even if the gap is
caused by a MRST pulse.
TERMINAL ADDRESS LINES
The five-bit terminal address is set by hard wiring
the 5-BlT ADDRESS lines. The hybrid contains
internal pull-up resistors so that logic "1" lines may
be left open circuited. Logic "0" lines must be
grounded.
In operation, RT ENABLE goes high when a valid
command word containing the hard-wired address
is received. See "RECEIVE CYCLE OPERATION"
for timing.
OSCILLATOR AND CLOCK DRIVER
The hybrid may be operated with either the internal
clock or an external clock source.
For
internal
clock
operation,
a
12MHz
parallel-resonant fundamental-mode crystal must
be connected from XTAL to ground. Power (+5V)
must be applied to +5V OSC/CLOCK POWER and
CLOCK OUT must be connected to CLOCK IN.
For external clock operation, no power is applied to
+5V OSC/CLOCK POWER and the external clock is
applied to CLOCK IN (CLOCK OUT not connected).
The external clock must be capable of driving a 20
picofarad load to within 0.5 volts of VCC and within
0.5 volts of ground with rise and fall times of less
than 10 nanoseconds. Standard TTL levels are not
satisfactory. For a normal 1MHz data rate, the clock
frequency must be 12MHz.
FALSE RT ENABLE
Terminals that continuously monitor their own
transmissions
are
subject
to
"END-AROUND"
operation due to a false RT ENABLE. The terminal
can erroneously interpret its own status word as a
new command word. If no measures are taken to
prevent or re-set RT ENABLE, it will remain high for
20µs or until the DECODER recognises a new valid
sync (whichever time is shorter).
RT ENABLE may be inhibited by interrupting the
RECEIVE
CYCLE
during
a
status
word
transmission. Inverted SEND DATA applied to DEC
RST will prevent reception of the status word.
If continuous monitoring is required, RT ENABLE
may be reset immediately after it goes high by a 1µs
(minimum) low at DEC RST. The status word will
then be available at the second-rank receive
register.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com