Electronic Components Datasheet Search
  English  ▼

X  

CT1820 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # CT1820
Description  CT1820 Data Terminal Bit Processor for MIL-STD-1553 A & B
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1820 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button CT1820 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1820 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Aeroflex Circuit Technology
SCDCT1820 REV D 6/25/99 Plainview NY (516) 694-6700
10
Ordering Information
Model Number
Package
CT1820
2.155" x 1.14" Metal Plug In
CIRCUIT TECHNOLOGY
Specifications subject to change without notice.
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
Plug-In Package Outline
20
1
29
48
56
28
21
49
.018 DIA TYP
.175 MIN
±.002
2.155 MAX
1.900
1.155
.900
.450 REF
.100 TYP
.200 MAX
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com