Electronic Components Datasheet Search
  English  ▼

X  

FCW302 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # FCW302
Description  Package: 3.5*2.8*0.85 mm Applications: Mobile Handset Flash Light
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW302 Datasheet(HTML) 7 Page - Seoul Semiconductor

  FCW302 Datasheet HTML 1Page - Seoul Semiconductor FCW302 Datasheet HTML 2Page - Seoul Semiconductor FCW302 Datasheet HTML 3Page - Seoul Semiconductor FCW302 Datasheet HTML 4Page - Seoul Semiconductor FCW302 Datasheet HTML 5Page - Seoul Semiconductor FCW302 Datasheet HTML 6Page - Seoul Semiconductor FCW302 Datasheet HTML 7Page - Seoul Semiconductor FCW302 Datasheet HTML 8Page - Seoul Semiconductor FCW302 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev. 00
Rev. 00
September 2009
September 2009
www.
www.acriche
acriche.com
.com
6. Outline Demension
Tolerance: ±0.1, Unit: ㎜
* Recommend solder pad pattern
K
A
3.00
1.63
2.73
0.50
X
Soldering Area
Heat dissipation Area (Cu)
[INNER CIRCUIT]
K : CATHODE
A : ANODE
[SIDE VIEW]
[TOP VIEW]
Optical
center
A
[BOTTOM VIEW]
K
2.80
2.10
3.05 3.50
2.30
2.25
0.85
0.975
2.2025
2.10
0.50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com