Electronic Components Datasheet Search
  English  ▼

X  

FCW302 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # FCW302
Description  Package: 3.5*2.8*0.85 mm Applications: Mobile Handset Flash Light
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW302 Datasheet(HTML) 8 Page - Seoul Semiconductor

  FCW302 Datasheet HTML 1Page - Seoul Semiconductor FCW302 Datasheet HTML 2Page - Seoul Semiconductor FCW302 Datasheet HTML 3Page - Seoul Semiconductor FCW302 Datasheet HTML 4Page - Seoul Semiconductor FCW302 Datasheet HTML 5Page - Seoul Semiconductor FCW302 Datasheet HTML 6Page - Seoul Semiconductor FCW302 Datasheet HTML 7Page - Seoul Semiconductor FCW302 Datasheet HTML 8Page - Seoul Semiconductor FCW302 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev. 00
Rev. 00
September 2009
September 2009
www.
www.acriche
acriche.com
.com
Tolerance: ±0.2, Unit: ㎜
7. Reel Dimension
1) Quantity : 2000pcs/Reel
2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm
3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is
turned off from the carrier tape at 10℃ angle to be the carrier tape
4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof
Package
180
13
±0.2
Label
22
2 ±0.2
+0
-3
11.4
9 ±0.3
Tolerance: ±0.2, Unit: ㎜
Marking
Direction



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com