Electronic Components Datasheet Search
  English  ▼

X  

FCW302 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # FCW302
Description  Package: 3.5*2.8*0.85 mm Applications: Mobile Handset Flash Light
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW302 Datasheet(HTML) 3 Page - Seoul Semiconductor

  FCW302 Datasheet HTML 1Page - Seoul Semiconductor FCW302 Datasheet HTML 2Page - Seoul Semiconductor FCW302 Datasheet HTML 3Page - Seoul Semiconductor FCW302 Datasheet HTML 4Page - Seoul Semiconductor FCW302 Datasheet HTML 5Page - Seoul Semiconductor FCW302 Datasheet HTML 6Page - Seoul Semiconductor FCW302 Datasheet HTML 7Page - Seoul Semiconductor FCW302 Datasheet HTML 8Page - Seoul Semiconductor FCW302 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. 00
Rev. 00
September 2009
September 2009
www.
www.acriche
acriche.com
.com
Parameter
Symbol
Value
Unit
Power Dissipation
P
d
1020
mW
Reverse Voltage
V
R
5
V
Storage Temperature
T
stg.
-40 ~ 100
℃
Forward Current
I
F
300
mA
Peak Forward Current
I
FM
*1
1000
mA
Operation Temperature
T
opr.
-30 ~ 80
℃
*1 I
FM conditions: Pulse width Tw≤300ms and Duty ratio≤1/10
(Ta=25℃)
• Package : 3.5 × 2.8 × 0.85 mm
• Applications : Mobile Handset Flash Light
Parameter
Symbol
Condition
Min
Typ
Max
I
F=300㎃
-3.4
-
I
F=300 ㎃
48
60
-
FCW302A
I
F=1000 ㎃
(Flash mode)2
130
160
-
I
F=300 ㎃
63
79
-
FCW302B
I
F=1000 ㎃
(Flash mode)2
180
190
-
XI
F=300 ㎃
-
0.3226
-
YI
F=300 ㎃
-
0.3306
-
Color Temperature
CCT
I
F=300 ㎃
-
5900
-
K
0.6
Luminous Flux*1
L
F
lm
-
-
1.5
-
120
Unit
Forward Voltage
V
F
V
Chromaticity
Coordinates
Viewing Angle
2θ
1/2
I
F=300㎃˚
Zener Forward Voltage
V
F(z)
I
F=10㎃
V
*1 Luminous Flux is measured in integrating sphere
*2 Flash mode is Pulse width Tw ≤ 300ms, Duty Ratio 1/10
[Note] ( Tolerance : IV±10%, color coordinate ±0.01, VF ±0.1 )
(Ta=25℃)
3. Electro-Optical Characteristics
2. Absolute maximum ratings
1. Features



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com