Electronic Components Datasheet Search
  English  ▼

X  

FCW302 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # FCW302
Description  Package: 3.5*2.8*0.85 mm Applications: Mobile Handset Flash Light
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW302 Datasheet(HTML) 6 Page - Seoul Semiconductor

  FCW302 Datasheet HTML 1Page - Seoul Semiconductor FCW302 Datasheet HTML 2Page - Seoul Semiconductor FCW302 Datasheet HTML 3Page - Seoul Semiconductor FCW302 Datasheet HTML 4Page - Seoul Semiconductor FCW302 Datasheet HTML 5Page - Seoul Semiconductor FCW302 Datasheet HTML 6Page - Seoul Semiconductor FCW302 Datasheet HTML 7Page - Seoul Semiconductor FCW302 Datasheet HTML 8Page - Seoul Semiconductor FCW302 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev. 00
Rev. 00
September 2009
September 2009
www.
www.acriche
acriche.com
.com
Reflow Soldering Conditions/ Profile
• Preliminary heating to be at 150℃max. for 2 minutes max.
• Soldering heat to be at 240℃max. for 5 seconds max.
(1) Lead Solder
• Preliminary heating to be at 150℃max. for 2 minutes max.
• Soldering heat to be at 260℃max. for 10 seconds max.
(2) Lead-Free Solder
• Not more than 1 seconds @MAX280℃, under Soldering iron.
(3) Hand Soldering Condition
[Note] In case the soldered products are reused in soldering process, Seoul Semiconductor can not guarantee the
performance of the products.
Temperature
rise: 5°C/sec.
-5°C/sec.
Cooling:
Pre-heating
Operation heating
60 to 120 sec.
5sec. max
120
150
240
°C
0
120
60 to 120 sec.
0
260
150
°C
10 sec.
Operation heating
-5°C/sec.
Cooling:
Pre-heating
rise: 5°C/sec.[Max]
Temperature
5. Soldering Profile



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com