Electronic Components Datasheet Search
  English  ▼

X  

FCW302 Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # FCW302
Description  Package: 3.5*2.8*0.85 mm Applications: Mobile Handset Flash Light
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW302 Datasheet(HTML) 9 Page - Seoul Semiconductor

  FCW302 Datasheet HTML 1Page - Seoul Semiconductor FCW302 Datasheet HTML 2Page - Seoul Semiconductor FCW302 Datasheet HTML 3Page - Seoul Semiconductor FCW302 Datasheet HTML 4Page - Seoul Semiconductor FCW302 Datasheet HTML 5Page - Seoul Semiconductor FCW302 Datasheet HTML 6Page - Seoul Semiconductor FCW302 Datasheet HTML 7Page - Seoul Semiconductor FCW302 Datasheet HTML 8Page - Seoul Semiconductor FCW302 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev. 00
Rev. 00
September 2009
September 2009
www.
www.acriche
acriche.com
.com
8. Precaution for Use
1.
Storage
To avoid absorption of moisture, it is recommended to store parts in a dry box (or desiccator)
with a desiccant. Otherwise, storage in the following environment is recommended.
Temperature : 5℃~30℃ Humidity : 60%HR max.
2.
Parts stored more than one week after opening or if desiccant indicator shower color changes,
it is highly recommended that LED’s should be baked for 10~ 12 hours at 60˚C±5˚C
3.
LEDs must be stored at clean atmosphere. If the LEDs are stored for 3 months or more after
shipment from SSC, storage in a sealed container with a nitrogen is recomented.
4.
If the LED is considered to be wet, it is highly recommended that the LED should be dried for
100Hr at 80±5℃ or 12Hr at 100±5℃.
5.
Any mechanical force or excess vibration should be avoided during temperature cooling
process to normal temperature after reflow
6.
Rapid cooling should be avoided
7.
LED should not be placed on a flexible area of the PCB
8.
This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA should be used.
9.
When the LED is operating in DC mode, the driving current should be determined after
considering the thermal properties of the application and maximum ambient temperature
requirements
10.
Damage prevention from ESD or Surge.
1.
It is highly recommended to use the wrist-band or anti electrostatic gloves when
handling the LED’s
2.
All devices, equipments and machines mush be properly grounded



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com