Electronic Components Datasheet Search
  English  ▼

X  

OR2C04A Datasheet(PDF) 132 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 132 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 128Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 129Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 130Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 131Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 132Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 133Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 134Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 135Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 136Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
132
Lucent Technologies Inc.
Timing Characteristics
Note: Speed grades of -5, -6, and -7 are for OR2TxxA devices only.
Table 32A. OR2CxxA and OR2TxxA Combinatorial PFU Timing Characteristics
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85 °C.
Parameter
Symbol
Speed
Unit
-2
-3
-4
-5
-6
-7
Min Max Min Max Min Max Min Max Min Max Min Max
Combinatorial Delays
(TJ = +85 °C, VDD = min):
Four Input Variables (A[4:0],
B[4:0] to F[3:0])
Five Input Variables (A[4:0],
B[4:0] to F3, F0)
PFUMUX (A[4:0], B[4:0] to F1)
PFUMUX (C0 to f1)
PFUNAND (A[4:0], B[4:0] to F2)
PFUNAND (C0 to F2)
PFUXOR (A[4:0], B[4:0] to F1)
PFUXOR (C0 to F1)
F4*_DEL
F5*_DEL
MUX_DEL
C0MUX_DEL
ND_DEL
C0ND_DEL
XOR_DEL
C0XOR_DEL
—
—
—
—
—
—
—
—
4.0
4.1
4.7
3.0
4.7
2.7
5.6
3.1
—
—
—
—
—
—
—
—
2.8
2.9
3.8
2.2
4.0
2.2
4.5
2.2
—
—
—
—
—
—
—
—
2.1
2.2
3.2
1.9
3.3
1.8
3.8
2.0
—
—
—
—
—
—
—
—
1.7
1.8
2.6
1.5
2.7
1.5
3.1
1.6
—
—
—
—
—
—
—
—
1.4
1.4
1.9
1.1
1.8
1.0
2.3
1.1
—
—
—
—
—
—
—
—
1.3
1.3
1.8
1.0
1.7
0.8
2.1
1.0
ns
ns
ns
ns
ns
ns
ns
ns
Table 32B. OR2TxxB Combinatorial PFU Timing Characteristics
OR2TxxB Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxB Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85°C.
Parameter
Symbol
Speed
Unit
-7
-8
Min Max Min Max
Combinatorial Delays
(TJ = +85 °C, VDD = min):
Four Input Variables (A[4:0],
B[4:0] to F[3:0])
Five Input Variables (A[4:0],
B[4:0] to F3, F0)
PFUMUX (A[4:0], B[4:0] to F1)
PFUMUX (C0 to F1)
PFUNAND (A[4:0], B[4:0] to F2)
PFUNAND (C0 to F2)
PFUXOR (A[4:0], B[4:0] to F1)
PFUXOR (C0 to F1)
F4*_DEL
F5*_DEL
MUX_DEL
C0MUX_DEL
ND_DEL
C0ND_DEL
XOR_DEL
C0XOR_DEL
—
—
—
—
—
—
—
—
1.3
1.3
2.2
1.4
2.1
1.2
2.5
1.3
—
—
—
—
—
—
—
—
1.0
1.0
1.8
1.0
1.7
0.9
2.0
1.0
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com