Electronic Components Datasheet Search
  English  ▼

X  

OR3LP26B Datasheet(PDF) 148 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 148 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 144Page - Agere Systems OR3LP26B Datasheet HTML 145Page - Agere Systems OR3LP26B Datasheet HTML 146Page - Agere Systems OR3LP26B Datasheet HTML 147Page - Agere Systems OR3LP26B Datasheet HTML 148Page - Agere Systems OR3LP26B Datasheet HTML 149Page - Agere Systems OR3LP26B Datasheet HTML 150Page - Agere Systems OR3LP26B Datasheet HTML 151Page - Agere Systems OR3LP26B Datasheet HTML 152Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
148
Lucent Technologies Inc.
Lucent Technologies Inc.
Input/Output Buffer Measurement Conditions
Note: Switch to VDD for TPLZ/TPZL; switch to GND for TPHZ/TPZH.
Figure 57. ac Test Loads
Figure 58. Output Buffer Delays
Figure 59. Input Buffer Delays
5-3234(F)
50 pF
A. Load Used to Measure Propagation Delay
TO THE OUTPUT UNDER TEST
TO THE OUTPUT UNDER TEST
50 pF
VCC
GND
1 k
Ω
B. Load Used to Measure Rising/Falling Edges
5-3233.a(F)
VDD
TPHH
VDD/2
VSS
out[i]
PAD
OUT
1.5 V
0.0 V
TPLL
PAD
out[i]
ac TEST LOADS (SHOWN ABOVE)
ts[i]
OUT
5-3235(F)
0.0 V
1.5 V
TPHH
TPLL
PAD
in[i]
IN
3.0 V
VSS
VDD/2
VDD
PAD IN
in[i]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com