Electronic Components Datasheet Search
  English  ▼

X  

SPRUG19 Datasheet(PDF) 59 Page - Texas Instruments

Part # SPRUG19
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG19 Datasheet(HTML) 59 Page - Texas Instruments

Back Button SPRUG19 Datasheet HTML 55Page - Texas Instruments SPRUG19 Datasheet HTML 56Page - Texas Instruments SPRUG19 Datasheet HTML 57Page - Texas Instruments SPRUG19 Datasheet HTML 58Page - Texas Instruments SPRUG19 Datasheet HTML 59Page - Texas Instruments SPRUG19 Datasheet HTML 60Page - Texas Instruments SPRUG19 Datasheet HTML 61Page - Texas Instruments SPRUG19 Datasheet HTML 62Page - Texas Instruments SPRUG19 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 214 page
background image
L1P Mode Bits
000
001
010
011
100
L1P Memory
Block Base
Address
00E0 0000
1/2
SRAM
16K bytes
00E0 4000
3/4
SRAM
8K bytes
00E0 6000
7/8
SRAM
4K bytes
00E0 7000
All
SRAM
dm
cache
direct
mapped
cache
direct
mapped
cache
direct
mapped
cache
4K bytes
00E0 8000
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
5.2
Memory Architecture
The C6474 device contains a 3MB level-2 memory (L2) total, a 32KB level-1 program memory (L1P) per
core, and a 32KB level-1 data memory (L1D) per core. All memory has a unique location in the memory
map and can be directly accessed by any master on the device.
The L1P memory configuration for the device is as follows:
•
Region 0 size is 0K bytes (disabled).
•
Region 1 size is 32K bytes with no wait states.
The L1D memory configuration for the device is as follows:
•
Region 0 size is 0K bytes (disabled).
•
Region 1 size is 32K bytes with no wait states.
After core reset, L1P and L1D cache are configured as all cache by default. The L1P and L1D cache can
be reconfigured via software through the L1PMODE field of the L1P Configuration Register (L1PMODE)
and the L1DMODE field of the L1D Configuration Register (L1DCFG) of the C64x+ Megamodule. L1D is a
two-way set-associative cache while L1P is a direct-mapped cache.
L1P and L1D are configured as memory-mapped SRAM, rather than only unmapped cache. Though
all-cache is the default configuration after device reset, the amount of cache for L1P and L1D may be
programmed to be 0Kb, 4Kb, 8Kb, 16Kb, or 32Kb. All additional L1P or L1D memory space is
memory-mapped SRAM. Figure 5-2 provides the memory mapping of L1P. Figure 5-2 provides the
memory mapping of L1D. L1P SRAM and L1D SRAM begin at the same address regardless of the SRAM
size configured.
Figure 5-2. TMS320C6474 L1P Memory Configurations
Copyright
© 2008–2011, Texas Instruments Incorporated
C64x+ Megamodule
59
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com