Electronic Components Datasheet Search
  English  ▼

X  

SPRUG19 Datasheet(PDF) 73 Page - Texas Instruments

Part # SPRUG19
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG19 Datasheet(HTML) 73 Page - Texas Instruments

Back Button SPRUG19 Datasheet HTML 69Page - Texas Instruments SPRUG19 Datasheet HTML 70Page - Texas Instruments SPRUG19 Datasheet HTML 71Page - Texas Instruments SPRUG19 Datasheet HTML 72Page - Texas Instruments SPRUG19 Datasheet HTML 73Page - Texas Instruments SPRUG19 Datasheet HTML 74Page - Texas Instruments SPRUG19 Datasheet HTML 75Page - Texas Instruments SPRUG19 Datasheet HTML 76Page - Texas Instruments SPRUG19 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
6.2
Recommended Operating Conditions
(1) (2)
MIN
NOM
MAX UNIT
CVDD
Supply core voltage (scalable)(1)
CVDD - (0.03CVDD)
0.9 - 1.2
CVDD + (0.03CVDD)
V
DVDD11
1.1-V supply core I/O voltage
1.045
1.1
1.155
V
DVDD18
1.8-V supply I/O voltage
1.71
1.8
1.89
V
VREFSSTL
DDR2 reference voltage
0.49 * DVDD18
0.5 * DVDD18
0.51 * DVDD18
V
AIF_VDDA11
AIF SERDES analog supply
1.045
1.1
1.155
V
AIF_VDDD11
AIF SERDES digital supply
1.045
1.1
1.155
V
AIF_VDDR18
AIF SERDES regulator supply
1.71
1.8
1.89
V
AIF_VDDT11
AIF SERDES termination supply
1.045
1.1
1.155
V
SGR_VDDA11 SRIO/SGMII SERDES analog supply
1.045
1.1
1.155
V
SGR_VDDD11 SRIO/SGMII SERDES digital supply
1.045
1.1
1.155
V
SGR_VDDR18 SRIO/SGMII SERDES regulator supply
1.71
1.8
1.89
V
SGR_VDDT11
SRIO/SGMII SERDES termination supply
1.045
1.1
1.155
V
AVDD118
PLL1 analog supply
1.71
1.8
1.89
V
AVDD218
PLL2 analog supply
1.71
1.8
1.89
V
VSS
Ground
0
0
0
V
Input voltage at PADP or PADN
0
2
V
VI
Input frequency
30
625 MHz
VID
Peak-to-peak differential input voltage
250
2000
mV
1.8-V Single
0.65 * DVDD18
V
Ended I/Os
VIH
High-level input voltage(3)
I2C/VCNTL,
0.7 * DVDD18
V
SmartReflex
DDR2 EMIF
VREFSSTL + 0.125
DVDD18 + 0.3
V
1.8-V Single
0.35 * DVDD18
V
Ended I/Os
VIL
Low-level input voltage(3)
DDR2 EMIF
-0.3
VREFSSTL - 0.1
V
I2C/VCNTL
0.3 * DVDD18
V
1.2-GHz device
(commercial
0
95
temperature)
1.2-GHz device
(extended
-40
95
temperature)(4)
TC
Operating case temperature
°C
850-MHz and
1.0-GHz device
0
100
(commercial
temperature)
1.0-GHz device
(extended
-40
100
temperature)
(1)
A heatsink and implementation of the SmartReflex solution is required for proper device operation. For more details on SmartReflex, see
Section 7.3.4.
(2)
All SERDES I/Os comply with the XAUI Electical Specification, IEEE 802.3ae-2002.
(3)
All differential clock inputs comply with the Frame Sync Differential Clocks Electrical Specification, IEEE 1596.3-1996 and all SERDES
I/Os comply with the XAUI Electical Specification, IEEE 802.3ae-2002.
(4)
Advance Information is presented in this document for the C6474 1.2-GHz extended temperature device.
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Operating Conditions
73
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com