Electronic Components Datasheet Search
  English  ▼

X  

SPRUG19 Datasheet(PDF) 68 Page - Texas Instruments

Part # SPRUG19
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG19 Datasheet(HTML) 68 Page - Texas Instruments

Back Button SPRUG19 Datasheet HTML 64Page - Texas Instruments SPRUG19 Datasheet HTML 65Page - Texas Instruments SPRUG19 Datasheet HTML 66Page - Texas Instruments SPRUG19 Datasheet HTML 67Page - Texas Instruments SPRUG19 Datasheet HTML 68Page - Texas Instruments SPRUG19 Datasheet HTML 69Page - Texas Instruments SPRUG19 Datasheet HTML 70Page - Texas Instruments SPRUG19 Datasheet HTML 71Page - Texas Instruments SPRUG19 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 5-14. Megamodule L1/L2 Memory Protection Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0184 A000
L2MPFAR
L2 Memory Protection Fault Address Register
0184 A004
L2MPFSR
L2 Memory Protection Fault Status Register
0184 A008
L2MPFCR
L2 memory protection Fault Command Register
0184 A00C - 0184 A0FF
-
Reserved
0184 A100
L2MPLKO
L2 Memory Protection Lock Key Bits [31:0]
0184 A104
L2MPLK1
L2 Memory Protection Lock Key Bits [63:32]
0184 A108
L2MPLK2
L2 Memory Protection Lock Key Bits [95:64]
0184 A10C
L2MPLK3
L2 Memory Protection Lock Key Bits [127:96]
0184 A110
L2MPLKCMD
L2 Memory Protection Lock Key Command Register
0184 A114
L2MPLKSTAT
L2 Memory Protection Lock Key Status Register
0184 A118 - 0184 A1FF
-
Reserved
0184 A200
L2MPPA0
L2 Memory Protection Page Attribute Register 0(1)
0184 A204
L2MPPA1
L2 Memory Protection Page Attribute Register 1
0184 A208
L2MPPA2
L2 Memory Protection Page Attribute Register 2
0184 A20C
L2MPPA3
L2 Memory Protection Page Attribute Register 3
0184 A210
L2MPPA4
L2 Memory Protection Page Attribute Register 4
0184 A214
L2MPPA5
L2 Memory Protection Page Attribute Register 5
0184 A218
L2MPPA6
L2 Memory Protection Page Attribute Register 6
0184 A21C
L2MPPA7
L2 Memory Protection Page Attribute Register 7
0184 A220
L2MPPA8
L2 Memory Protection Page Attribute Register 8
0184 A224
L2MPPA9
L2 Memory Protection Page Attribute Register 9
0184 A228
L2MPPA10
L2 Memory Protection Page Attribute Register 10
0184 A22C
L2MPPA11
L2 Memory Protection Page Attribute Register 11
0184 A230
L2MPPA12
L2 Memory Protection Page Attribute Register 12
0184 A234
L2MPPA13
L2 Memory Protection Page Attribute Register 13
0184 A238
L2MPPA14
L2 Memory Protection Page Attribute Register 14
0184 A23C
L2MPPA15
L2 Memory Protection Page Attribute Register 15
0184 A240
L2MPPA16
L2 Memory Protection Page Attribute Register 16
0184 A244
L2MPPA17
L2 Memory Protection Page Attribute Register 17
0184 A248
L2MPPA18
L2 Memory Protection Page Attribute Register 18
0184 A24C
L2MPPA19
L2 Memory Protection Page Attribute Register 19
0184 A250
L2MPPA20
L2 Memory Protection Page Attribute Register 20
0184 A254
L2MPPA21
L2 Memory Protection Page Attribute Register 21
0184 A258
L2MPPA22
L2 Memory Protection Page Attribute Register 22
0184 A25C
L2MPPA23
L2 Memory Protection Page Attribute Register 23
0184 A260
L2MPPA24
L2 Memory Protection Page Attribute Register 24
0184 A264
L2MPPA25
L2 Memory Protection Page Attribute Register 25
0184 A268
L2MPPA26
L2 Memory Protection Page Attribute Register 26
0184 A26C
L2MPPA27
L2 Memory Protection Page Attribute Register 27
0184 A270
L2MPPA28
L2 Memory Protection Page Attribute Register 28
0184 A274
L2MPPA29
L2 Memory Protection Page Attribute Register 29
0184 A278
L2MPPA30
L2 Memory Protection Page Attribute Register 30
0184 A27C
L2MPPA31
L2 Memory Protection Page Attribute Register 31
0184 A280
L2MPPA32
L2 Memory Protection Page Attribute Register 32
0184 A284
L2MPPA33
L2 Memory Protection Page Attribute Register 33
0184 A288
L2MPPA34
L2 Memory Protection Page Attribute Register 34
(1)
The default value of all L2MPPAn registers is 0x0000 FFFF.
68
C64x+ Megamodule
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com