| Electronic Components Datasheet Search |
|
SPRUG19 Datasheet(PDF) 78 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SPRUG19 Datasheet(HTML) 78 Page - Texas Instruments |
|
78 / 214 page ![]() TMS320C6474 SPRS552H – OCTOBER 2008 – REVISED APRIL 2011 www.ti.com Table 7-2. Power/Sleep Controller Registers (continued) HEX ADDRESS ACRONYM REGISTER NAME 02AC 0A0C MDCTL3 Module Control Register 3 (C64x+ Core 0) 02AC 0A10 MDCTL4 Module Control Register 4 (C64x+ Core 1) 02AC 0A14 MDCTL5 Module Control Register 5 (C64x+ Core 2) 02AC 0A18 MDCTL6 Module Control Register 6 (Antenna Interface) 02AC 0A1C MDCTL7 Module Control Register 7 (Serial RapidIO) 02AC 0A20 - Reserved 02AC 0A24 MDCTL9 Module Control Register 9 (TCP) 02AC 0A28 MDCTL10 Module Control Register 10 (VCP) 02AC 0A2C MDCTL11 Module Control Register 11 (Never Gated) 7.3.4 SmartReflex Increasing the device complexity increases its power consumption and with the smaller transistor structures responsible for higher achievable clock rates and increased performance, comes an inevitable penalty, increasing the leakage currents. Leakage currents are present in any active circuit, independently of clock rates and usage scenarios. This static power consumption is mainly determined by transistor type and process technology. Higher clock rates also increase dynamic power, the power used when transistors switch. The dynamic power depends mainly on a specific usage scenario, clock rates, and I/O activity. Texas Instruments' SmartReflex ™ technology is used to decrease both static and dynamic power consumption while maintaining the device performance. SmartReflex in the C6474 device is a feature that allows the core voltage to be optimized based on the process corner of the device. This requires a voltage regulator for each C6474 device. To guarantee maximizing performance and minimizing power consumption of the device, SmartReflex is required to be implemented whenever the C6474 device is used. The voltage selection is done using 4 VCNTL pins which are used to select the output voltage of the core voltage regulator. For complete information on SmartReflex, see the TMS320C6474 Hardware Design Guide application report (literature number SPRAAW7). 78 Peripheral Information and Electrical Specifications Copyright © 2008–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s) :TMS320C6474 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |