Electronic Components Datasheet Search
  English  ▼

X  

SPRUG19 Datasheet(PDF) 87 Page - Texas Instruments

Part # SPRUG19
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG19 Datasheet(HTML) 87 Page - Texas Instruments

Back Button SPRUG19 Datasheet HTML 83Page - Texas Instruments SPRUG19 Datasheet HTML 84Page - Texas Instruments SPRUG19 Datasheet HTML 85Page - Texas Instruments SPRUG19 Datasheet HTML 86Page - Texas Instruments SPRUG19 Datasheet HTML 87Page - Texas Instruments SPRUG19 Datasheet HTML 88Page - Texas Instruments SPRUG19 Datasheet HTML 89Page - Texas Instruments SPRUG19 Datasheet HTML 90Page - Texas Instruments SPRUG19 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 7-5. EDMA3 Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02A0 0544
Q5E1
Event Queue 5 Entry Register 1
02A0 0548
Q5E2
Event Queue 5 Entry Register 2
02A0 054C
Q5E3
Event Queue 5 Entry Register 3
02A0 0550
Q5E4
Event Queue 5 Entry Register 4
02A0 0554
Q5E5
Event Queue 5 Entry Register 5
02A0 0558
Q5E6
Event Queue 5 Entry Register 6
02A0 055C
Q5E7
Event Queue 5 Entry Register 7
02A0 0560
Q5E8
Event Queue 5 Entry Register 8
02A0 0564
Q5E9
Event Queue 5 Entry Register 9
02A0 0568
Q5E10
Event Queue 5 Entry Register 10
02A0 056C
Q5E11
Event Queue 5 Entry Register 11
02A0 0570
Q5E12
Event Queue 5 Entry Register 12
02A0 0574
Q5E13
Event Queue 5 Entry Register 13
02A0 0578
Q5E14
Event Queue 5 Entry Register 14
02A0 057C
Q5E15
Event Queue 5 Entry Register 15
02A0 0580 - 02A0 05FC
-
Reserved
02A0 0600
QSTAT0
Queue Status Register 0
02A0 0604
QSTAT1
Queue Status Register 1
02A0 0608
QSTAT2
Queue Status Register 2
02A0 060C
QSTAT3
Queue Status Register 3
02A0 0610
QSTAT4
Queue Status Register 4
02A0 0614
QSTAT5
Queue Status Register 5
02A0 0618 - 02A0 061C
-
Reserved
02A0 0620
QWMTHRA
Queue Watermark Threshold A Register
02A0 0624
QWMTHRB
Queue Watermark Threshold B Register
02A0 0628 - 02A0 063C
-
Reserved
02A0 0640
CCSTAT
EDMA3CC Status Register
02A0 0644 - 02A0 06FC
-
Reserved
02A0 0700 - 02A0 07FC
-
Reserved
02A0 0800
MPFAR
Memory Protection Fault Address Register
02A0 0804
MPFSR
Memory Protection Fault Status Register
02A0 0808
MPFCR
Memory Protection Fault Command Register
02A0 080C
MPPA0
Memory Protection Page Attribute Register 0
02A0 0810
MPPA1
Memory Protection Page Attribute Register 1
02A0 0814
MPPA2
Memory Protection Page Attribute Register 2
02A0 0818
MPPA3
Memory Protection Page Attribute Register 3
02A0 081C
MPPA4
Memory Protection Page Attribute Register 4
02A0 0820
MPPA5
Memory Protection Page Attribute Register 5
02A0 0824
MPPA6
Memory Protection Page Attribute Register 6
02A0 0828
MPPA7
Memory Protection Page Attribute Register 7
02A0 082C - 02A0 0FFC
-
Reserved
02A0 1000
ER
Event Register
02A0 1004
ERH
Event Register High
02A0 1008
ECR
Event Clear Register
02A0 100C
ECRH
Event Clear Register High
02A0 1010
ESR
Event Set Register
02A0 1014
ESRH
Event Set Register High
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
87
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com