Electronic Components Datasheet Search
  English  ▼

X  

SPRUG19 Datasheet(PDF) 103 Page - Texas Instruments

Part # SPRUG19
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG19 Datasheet(HTML) 103 Page - Texas Instruments

Back Button SPRUG19 Datasheet HTML 99Page - Texas Instruments SPRUG19 Datasheet HTML 100Page - Texas Instruments SPRUG19 Datasheet HTML 101Page - Texas Instruments SPRUG19 Datasheet HTML 102Page - Texas Instruments SPRUG19 Datasheet HTML 103Page - Texas Instruments SPRUG19 Datasheet HTML 104Page - Texas Instruments SPRUG19 Datasheet HTML 105Page - Texas Instruments SPRUG19 Datasheet HTML 106Page - Texas Instruments SPRUG19 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 7-12. EDMA3 Transfer Controller 5 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A4 8244
SASRC
Source Active Source Address Register
02A4 8248
SACNT
Source Active Count Register
02A4 824C
SADST
Source Active Destination Address Register
02A4 8250
SABIDX
Source Active Source B-Index Register
02A4 8254
SAMPPRXY
Source Active Memory Protection Proxy Register
02A4 8258
SACNTRLD
Source Active Count Reload Register
02A4 825C
SASRCBREF
Source Active Source Address B-Reference Register
02A4 8260
SADSTBREF
Source Active Destination Address B-Reference Register
02A4 8264 - 02A4 827C
-
Reserved
02A4 8280
DFCNTRLD
Destination FIFO Set Count Reload
02A4 8284
DFSRCBREF
Destination FIFO Set Destination Address B Reference Register
02A4 8288
DFDSTBREF
Destination FIFO Set Destination Address B Reference Register
02A4 828C - 02A4 82FC
-
Reserved
02A4 8300
DFOPT0
Destination FIFO Options Register 0
02A4 8304
DFSRC0
Destination FIFO Source Address Register 0
02A4 8308
DFCNT0
Destination FIFO Count Register 0
02A4 830C
DFDST0
Destination FIFO Destination Address Register 0
02A4 8310
DFBIDX0
Destination FIFO BIDX Register 0
02A4 8314
DFMPPRXY0
Destination FIFO Memory Protection Proxy Register 0
02A4 8318 - 02A4 833C
-
Reserved
02A4 8340
DFOPT1
Destination FIFO Options Register 1
02A4 8344
DFSRC1
Destination FIFO Source Address Register 1
02A4 8348
DFCNT1
Destination FIFO Count Register 1
02A4 834C
DFDST1
Destination FIFO Destination Address Register 1
02A4 8350
DFBIDX1
Destination FIFO BIDX Register 1
02A4 8354
DFMPPRXY1
Destination FIFO Memory Protection Proxy Register 1
02A4 8358 - 02A4 837C
-
Reserved
02A4 8380
DFOPT2
Destination FIFO Options Register 2
02A4 8384
DFSRC2
Destination FIFO Source Address Register 2
02A4 8388
DFCNT2
Destination FIFO Count Register 2
02A4 838C
DFDST2
Destination FIFO Destination Address Register 2
02A4 8390
DFBIDX2
Destination FIFO BIDX Register 2
02A4 8394
DFMPPRXY2
Destination FIFO Memory Protection Proxy Register 2
02A4 8398 - 02A4 83BC
-
Reserved
02A4 83C0
DFOPT3
Destination FIFO Options Register 3
02A4 83C4
DFSRC3
Destination FIFO Source Address Register 3
02A4 83C8
DFCNT3
Destination FIFO Count Register 3
02A4 83CC
DFDST3
Destination FIFO Destination Address Register 3
02A4 83D0
DFBIDX3
Destination FIFO BIDX Register 3
02A4 83D4
DFMPPRXY3
Destination FIFO Memory Protection Proxy Register 3
02A4 83D8 - 02A4 FFFC
-
Reserved
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
103
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com