Electronic Components Datasheet Search
  English  ▼

X  

TLC274IPW Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274IPW
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274IPW Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC274IPW Datasheet HTML 30Page - Texas Instruments TLC274IPW Datasheet HTML 31Page - Texas Instruments TLC274IPW Datasheet HTML 32Page - Texas Instruments TLC274IPW Datasheet HTML 33Page - Texas Instruments TLC274IPW Datasheet HTML 34Page - Texas Instruments TLC274IPW Datasheet HTML 35Page - Texas Instruments TLC274IPW Datasheet HTML 36Page - Texas Instruments TLC274IPW Datasheet HTML 37Page - Texas Instruments TLC274IPW Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
5 V
0.016
µF
Low Pass
HIgh Pass
Band Pass
R = 5 k
Ω (3/d−1)
(see Note A)
0.016
µF
10 k
Ω
10 k
Ω
10 k
Ω
VI
5 k
Ω
10 k
Ω
10 k
Ω
1/4
TLC274
TLC274
1/4
1/4
TLC274
NOTE A: d = damping factor, 1/Q
Figure 44. State-Variable Filter
−
+
−
+
100 k
Ω
VO
N.O.
Reset
0.5
µF
Mylar
H.P.
5082 - 2835
12 V
VI
TLC274
1/4
TLC274
1/4
Figure 45. Positive-Peak Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com