Electronic Components Datasheet Search
  English  ▼

X  

TLC274IPW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274IPW
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274IPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC274IPW Datasheet HTML 20Page - Texas Instruments TLC274IPW Datasheet HTML 21Page - Texas Instruments TLC274IPW Datasheet HTML 22Page - Texas Instruments TLC274IPW Datasheet HTML 23Page - Texas Instruments TLC274IPW Datasheet HTML 24Page - Texas Instruments TLC274IPW Datasheet HTML 25Page - Texas Instruments TLC274IPW Datasheet HTML 26Page - Texas Instruments TLC274IPW Datasheet HTML 27Page - Texas Instruments TLC274IPW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 18
0
IOL − Low-Level Output Current − mA
1
8
0
1
2
3
4
5
6
7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VID = − 1 V
VIC = 0.5 V
TA = 25°C
VDD = 3 V
VDD = 4 V
VDD = 5 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 19
0
IOL − Low-Level Output Current − mA
3
30
0
5
10
15
20
25
0.5
1
1.5
2
2.5
TA = 25°C
VIC = 0.5 V
VID = − 1 V
VDD = 10 V
VDD = 16 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 20
0
60
16
0
2
4
6
8
10
12
14
10
20
30
40
50
VDD − Supply Voltage − V
TA = − 55°C
RL = 10 kΩ
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
SUPPLY VOLTAGE
TA = 25°C
TA = 85°C
TA = 125°C
TA = 0°C
Figure 21
−75
50
125
0
−50
−25
0
25
50
75
100
5
10
15
20
25
30
35
40
45
VDD = 5 V
VDD = 10 V
RL = 10 kΩ
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com