Electronic Components Datasheet Search
  English  ▼

X  

TLC274IPW Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274IPW
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274IPW Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC274IPW Datasheet HTML 23Page - Texas Instruments TLC274IPW Datasheet HTML 24Page - Texas Instruments TLC274IPW Datasheet HTML 25Page - Texas Instruments TLC274IPW Datasheet HTML 26Page - Texas Instruments TLC274IPW Datasheet HTML 27Page - Texas Instruments TLC274IPW Datasheet HTML 28Page - Texas Instruments TLC274IPW Datasheet HTML 29Page - Texas Instruments TLC274IPW Datasheet HTML 30Page - Texas Instruments TLC274IPW Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 30
VDD = 5 V
VI = 10 mV
CL = 20 pF
See Figure 3
−75
TA − Free-Air Temperature − °C
3
125
1
−50
−25
0
25
50
75
100
1.5
2
2.5
UNITY-GAIN BANDWIDTH
vs
FREE-AIR TEMPERATURE
Figure 31
See Figure 3
TA = 25°C
CL = 20 pF
VI = 10 mV
0
VDD − Supply Voltage − V
2.5
16
1
2
4
6
8
10
12
14
1.5
2
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
10
f − Frequency − Hz
10 M
0.1
100
1 k
10 k
100 k
1 M
1
10
102
103
104
105
106
150
°
120
°
90
°
60
°
30
°
0
°
180
°
TA = 25°C
RL = 10 k Ω
VDD = 5 V
AVD
Phase Shift
107
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
Figure 32
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com